Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4980DY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4980DY-T1
Description  Dual N-Channel 80-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4980DY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4980DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4980DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4980DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4980DY-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4980DY
Vishay Siliconix
www.vishay.com
2-2
Document Number: 70646
S-03950—Rev. D, 26-May-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V, TJ = 55_C
20
mA
On-State Drain Currena
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 3.7 A
0.062
0.075
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6.0 V, ID = 3.2 A
0.071
0.095
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.7 A
12
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
1.2
V
Dynamicb
Total Gate Charge
Qg
15
30
Gate-Source Charge
Qgs
VDS = 40 V, VGS = 10 V, ID = 3.7 A
4
nC
Gate-Drain Charge
Qgd
3.2
Gate Resistance
Rg
1
5.1
W
Turn-On Delay Time
td(on)
10
20
Rise Time
tr
VDD = 40 V, RL = 40 W
10
20
Turn-Off Delay Time
td(off)
VDD = 40 V, RL = 40 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
30
60
ns
Fall Time
tf
10
20
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
75
110
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
For design aid only; not subject to production testing.


Similar Part No. - SI4980DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
SI4982DY-T1 VISHAY-SI4982DY-T1 Datasheet
40Kb / 4P
   Dual N-Channel 100-V (D-S) MOSFET
Rev. B, 26-May-03
More results

Similar Description - SI4980DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZF4800LDT VISHAY-SIZF4800LDT Datasheet
200Kb / 7P
   Dual N-Channel 80 V (D-S) MOSFET
Rev. A, 12-Jun-2023
logo
Guangdong Kexin Industr...
KI4980DY KEXIN-KI4980DY Datasheet
49Kb / 2P
   Dual N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com