Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA735AIDR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA735AIDR
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA735AIDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA735AIDR Datasheet HTML 3Page - Texas Instruments OPA735AIDR Datasheet HTML 4Page - Texas Instruments OPA735AIDR Datasheet HTML 5Page - Texas Instruments OPA735AIDR Datasheet HTML 6Page - Texas Instruments OPA735AIDR Datasheet HTML 7Page - Texas Instruments OPA735AIDR Datasheet HTML 8Page - Texas Instruments OPA735AIDR Datasheet HTML 9Page - Texas Instruments OPA735AIDR Datasheet HTML 10Page - Texas Instruments OPA735AIDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282A − DECEMBER 2003 − REVISED FEBRUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±5V (same as +10V).
POWER−SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
1k
10k
100k
10
100
1M
+PSRR
−PSRR
VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
1k
100
10
1
1k
10k
10
100
100k
0.1Hz TO 10Hz NOISE
1s/div
20.0
19.5
19.0
18.5
18.0
17.5
17.0
16.5
16.0
SAMPLING FREQUENCY vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
150
V
S =12V
V
S =2.7V
50
40
30
20
10
0
SMALL−SIGNAL OVERSHOOT vs CAPACITIVE LOAD
Capacitance (pF)
110
100
1000


Similar Part No. - OPA735AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA735AIDR BURR-BROWN-OPA735AIDR Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA735AIDRG4 BURR-BROWN-OPA735AIDRG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA735AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
[Old version datasheet]   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com