Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4675 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4675
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675 Datasheet(HTML) 5 Page - Texas Instruments

  LM4675 Datasheet HTML 1Page - Texas Instruments LM4675 Datasheet HTML 2Page - Texas Instruments LM4675 Datasheet HTML 3Page - Texas Instruments LM4675 Datasheet HTML 4Page - Texas Instruments LM4675 Datasheet HTML 5Page - Texas Instruments LM4675 Datasheet HTML 6Page - Texas Instruments LM4675 Datasheet HTML 7Page - Texas Instruments LM4675 Datasheet HTML 8Page - Texas Instruments LM4675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4675
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VRipple = 200mVPP Sine,
fRipple = 217Hz, VDD = 3.6, 5V
82
dB
Inputs to AC GND, CI = 2μF
Power Supply Rejection Ratio
PSRR
(Input Referred)
VRipple = 200mVPP Sine,
fRipple = 1kHz, VDD = 3.6, 5V
80
dB
Inputs to AC GND, CI = 2μF
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1WRMS
97
dB
VDD = 3.6V, f = 20Hz – 20kHz
Inputs to AC GND, CI = 2μF
28
μVRMS
Output Noise
No Weighting
εOUT
(Input Referred)
VDD = 3.6V, Inputs to AC GND
22
μVRMS
CI = 2μF, A Weighted
Common Mode Rejection
VDD = 3.6V, VRipple = 1VPP Sine
CMRR
Ratio
fRipple = 217Hz
80
dB
(Input Referred)
TWU
Wake-up Time
VDD = 3.6V
17
μs
TSD
Shutdown Time
140
μs
VDD = 3.6V, POUT = 400mW
89
%
RL = 8Ω
η
Efficiency
VDD = 5V, POUT = 1W
89
%
RL = 8Ω
External Components Description
(Figure 2)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section
for information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD


Similar Part No. - LM4675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675SD NSC-LM4675SD Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI1-LM4675SDBD Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results

Similar Description - LM4675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
[Old version datasheet]   LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com