Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4667 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4667
Description  LM4667 Filterless High Efficiency 1.3W Switching Audio Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4667 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4667 Datasheet HTML 2Page - Texas Instruments LM4667 Datasheet HTML 3Page - Texas Instruments LM4667 Datasheet HTML 4Page - Texas Instruments LM4667 Datasheet HTML 5Page - Texas Instruments LM4667 Datasheet HTML 6Page - Texas Instruments LM4667 Datasheet HTML 7Page - Texas Instruments LM4667 Datasheet HTML 8Page - Texas Instruments LM4667 Datasheet HTML 9Page - Texas Instruments LM4667 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM4667, LM4667MMBD
SNAS165C – SEPTEMBER 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 15µH + 8Ω + 15µH
VDD = 3V, RL = 15µH + 8Ω + 15µH
POUT = 100mW, 30kHz BW
POUT = 100mW, 30kHz BW
Figure 4.
Figure 5.
THD+N vs Frequency
THD+N vs Power Out
VDD = 3V, RL = 15µH + 4Ω + 15µH
VDD = 5V, RL = 15µH + 8Ω + 15µH
POUT = 300mW, 30kHz BW
f = 1kHz, 22kHz BW
Figure 6.
Figure 7.
THD+N vs Power Out
THD+N vs Power Out
VDD = 3V, RL = 15µH + 4Ω + 15µH
VDD = 3V, RL = 15µH + 8Ω + 15µH
f = 1kHz, 22kHz BW
f = 1kHz, 22kHz BW
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4667 LM4667MMBD


Similar Part No. - LM4667

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4667ITL NSC-LM4667ITL Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4667ITLX NSC-LM4667ITLX Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4667MM NSC-LM4667MM Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
More results

Similar Description - LM4667

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
[Old version datasheet]   LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com