Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050WG5.0RLQV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM4050WG5.0RLQV
Description  Precision Micropower Shunt Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050WG5.0RLQV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4050WG5.0RLQV Datasheet HTML 2Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 3Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 4Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 5Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 6Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 7Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 8Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 9Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
VHYST =
lVR1 - VR2l
x 10
6 ppm
VR
LM4050QML
SNVS627G – JUNE 2010 – REVISED JULY 2013
www.ti.com
LM4050-5.0QML Electrical Characteristics SMD: 5962R0923562 (continued)
The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100
μA.
Sub-
Symbol
Parameter
Conditions
Notes
Typical(1)
Min
Max
Units
groups
CLOAD
Load Capacitor
Stable Over Temperature
See(3)
60
0
100
µF
VHYST
Thermal Hysteresis
ΔT = -55°C to 125°C
See(4)
20
ppm
(3)
Capacitive load not required but improves SET stability. This parameter is ensured by design and/or characterization and is not tested in
production.
(4)
Thermal hysteresis is defined as the change in voltage measured at +25°C after cycling to temperature -55°C and the 25°C
measurement after cycling to temperature +125°C.
Where: VHYST = Thermal hysteresis expressed in ppm
VR = Nominal preset output voltage
VR1 = VR before temperature fluctuation
VR2 = VR after temperature fluctuation.
Post Radiation @ 25°C
(1)
The initial Reverse Breakdown Voltage tolerance is ±0.1% @ 100
μA. Qualification is performed with a 1.5X overtest. See for
TOTAL IONIZING DOSE details.
Sub-
Symbol
Parameter
Conditions
30 krad
50 krad
100 krad
groups
IR = 74μA
IR= 100μA
Reverse Breakdown Voltage
VR
IR = 1mA
Max
+0.42%
+0.67%
+1.75%
1
Tolerance
IR = 10mA
IR = 15mA
(1)
Pre and post irradiation limits are identical to those listed under electrical characteristics except as listed in the post radiation table.
Post Radiation Tempco
(1)
TYPICALS
Symbol
Parameter
Conditions
30 krad
50 krad
100 krad
Units
Average Reverse Breakdown Voltage
Temperature Coefficient Drift @ 25°C
74
μA ≤ IR ≤ 15mA
+87
+166
+387
ppm/°C
≤ TA ≤ 125°C
ΔVR/ΔT
Average Reverse Breakdown Voltage
Temperature Coefficient Drift @
74
μA ≤ IR ≤ 15mA
+96
+162
+343
ppm/°C
−55°C ≤ TA ≤ 25°C
(1)
Not tested post irradiation. Typical post irradiation values listed in the post radiation Tempco table.
Operational Life Test Delta Parameters
This table represents the drift seen from initial measurements post 1000hr Operational Life Burn-In. All units will remain within
the electrical characteristics limits post 1000hr Operational Life Burn-In. Deltas required for QMLV product at Group B, Sub-
Group 5.
Symbol
Parameter
Conditions
Note
Min
Max
Units
Temp
IR = 74µA
−0.8
0.8
IR = 100µA
−0.8
0.8
Reverse Breakdonwn
VR
IR = 1mA
−0.84
0.84
mV
1
Voltage Tolerance
IR = 10mA
−1.6
1.6
IR = 15mA
−2.6
2.6
Minimum Operating
IRMIN
−0.623
0.623
µA
1
Current
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM4050QML


Similar Part No. - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
284Kb / 19P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
449Kb / 18P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com