Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3875 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3875
Description  LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3875 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3875 Datasheet HTML 6Page - Texas Instruments LM3875 Datasheet HTML 7Page - Texas Instruments LM3875 Datasheet HTML 8Page - Texas Instruments LM3875 Datasheet HTML 9Page - Texas Instruments LM3875 Datasheet HTML 10Page - Texas Instruments LM3875 Datasheet HTML 11Page - Texas Instruments LM3875 Datasheet HTML 12Page - Texas Instruments LM3875 Datasheet HTML 13Page - Texas Instruments LM3875 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM3875
SNAS083D – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Pulse Power Limit
Pulse Power Limit
Figure 12.
Figure 13.
Supply Current vs
Clipping Voltage
Case Temperature
vs Supply Voltage
Figure 14.
Figure 15.
Input Bias Current vs
Case Temperature
Peak Output Current
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3875


Similar Part No. - LM3875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3875T NSC-LM3875T Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3875TF NSC-LM3875TF Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
More results

Similar Description - LM3875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3876 NSC-LM3876_00 Datasheet
1Mb / 22P
   Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
[Old version datasheet]   LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com