Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3724 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3724
Description  LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3724 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3724 Datasheet HTML 4Page - Texas Instruments LM3724 Datasheet HTML 5Page - Texas Instruments LM3724 Datasheet HTML 6Page - Texas Instruments LM3724 Datasheet HTML 7Page - Texas Instruments LM3724 Datasheet HTML 8Page - Texas Instruments LM3724 Datasheet HTML 9Page - Texas Instruments LM3724 Datasheet HTML 10Page - Texas Instruments LM3724 Datasheet HTML 11Page - Texas Instruments LM3724 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM3722, LM3723, LM3724
SNVS154E – MAY 2001 – REVISED MARCH 2013
www.ti.com
MANUAL RESET INPUT (MR)
Many µP-based products require a manual reset capability, allowing the operator to initiate a reset. The MR input
is fully debounced and provides an internal 22 k
Ω pull-up. When the MR input is pulled below VIL (0.25VCC) for
more than 100 ns, reset is asserted after a typical delay of 2 µs. Reset remains active as long as MR is held low,
and releases after MR rises above VIH and the reset timeout period expires. Use MR with digital logic to assert
reset or to daisy chain supervisory circuits.
APPLICATIONS INFORMATION
BENEFITS OF PRECISION RESET THRESHOLDS
A microprocessor supply supervisor must provide a reset output within a predictable range of the supply voltage.
A common threshold range is between 5% and 10% below the nominal supply voltage. The 4.63V, 3.08V and
2.32V options of the LM3722/LM3723/LM3724 use highly accurate circuitry to ensure that the reset threshold
occurs only within this range (for 5.0V, 3.3V and 2.5V supplies). Table 1 shows how the standard reset
thresholds apply to 5.0V, 3.3V, and 2.5V nominal supply voltages.
Table 1. Monitored Tolerance Table
Supply Voltage
Reset Threshold
2.5V
3.3V
5.0V
4.63 ± %
90.8-94.4%
3.08 ± %
91.8-95.2%
2.32 ± %
90.8-94.8%
ENSURING A VALID RESET OUTPUT DOWN TO VCC = 0V
When VCC falls below 1V, the LM3722 RESET output is unable to sink the rated current. A high-impedance
CMOS logic input connected to RESET can therefore drift to undetermined voltages. To prevent this situation, a
100k
Ω resistor should be connected from the RESET output to ground, as shown in Figure 13.
A 100k
Ω pull-up resistor to VCC is also recommended for the LM3723, if RESET is required to remain valid for
VCC < 1V.
Figure 13. Circuit for RESET Valid from VCC = 0V
OPEN DRAIN OUTPUT (LM3724)
An open drain output allows easy paralleling of multiple microprocessor reset circuits without requiring additional
logic gates. Open drain outputs also allow interfacing devices of differing logic levels or families, since the output
pull-up resistor may be connected to any supply voltage up to 5.5V, regardless of LM3724 VCC.
The pull up resistor is calculated so that maximum current flow into RESET is less than 10 mA when activated.
The resistor must be small enough so that the leakage current of all connected devices does not create an
excessive voltage drop when the output is not activated. A resistor value of 100 k
Ω will generally suffice.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM3722 LM3723 LM3724


Similar Part No. - LM3724

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3724 NSC-LM3724 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3724EM5-2.32 NSC-LM3724EM5-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3724EM5-3.08 NSC-LM3724EM5-3.08 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3724EM5-4.63 NSC-LM3724EM5-4.63 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM3724EM5X-2.32 NSC-LM3724EM5X-2.32 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
More results

Similar Description - LM3724

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com