Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4401DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4401DY
Description  P-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4401DY Datasheet HTML 1Page - Vishay Siliconix SI4401DY Datasheet HTML 2Page - Vishay Siliconix SI4401DY Datasheet HTML 3Page - Vishay Siliconix SI4401DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4401DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71226
S-03452—Rev. C, 09-Apr-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = –32 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –32 V, VGS = 0 V, TJ = 70_C
–10
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –10 V
–30
A
VGS = –10 V, ID = –10.5 A
0.013
0.0155
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –4.5 V, ID = –8.7 A
0.0185
0.0225
W
Forward Transconductancea
gfs
VDS = –15 V, ID = –10.5 A
26
S
Diode Forward Voltagea
VSD
IS = –2.7 A, VGS = 0 V
–0.74
–1.1
V
Dynamicb
Total Gate Charge
Qg
37.5
50
Gate-Source Charge
Qgs
VDS = –15 V, VGS = –5 V, ID = –10.5 A
14.3
nC
Gate-Drain Charge
Qgd
10.7
Turn-On Delay Time
td(on)
17
30
Rise Time
tr
VDD = –15 V, RL = 15 W
18
30
Turn-Off Delay Time
td(off)
VDD = –15 V, RL = 15 W
ID ^ –1 A, VGEN = –10 V, RG = 6 W
122
190
ns
Fall Time
tf
55
85
Gate Resistance
Rg
3.8
W
Source-Drain Reverse Recovery Time
trr
IF = –2.1 A, di/dt = 100 A/ms
45
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
10
20
30
40
50
0
2468
10
VGS = 10 thru 5 V
TC = 125_C
–55
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
4 V
3 V


Similar Part No. - SI4401DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY VISHAY-SI4401DY Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
logo
VBsemi Electronics Co.,...
SI4401DY-T1-E3 VBSEMI-SI4401DY-T1-E3 Datasheet
1,015Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SI4401DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com