Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-206 Datasheet(PDF) 2 Page - Exar Corporation

Part # AN-206
Description  EEPROM PROGRAMMING FOR PCIe UARTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

AN-206 Datasheet(HTML) 2 Page - Exar Corporation

  AN-206 Datasheet HTML 1Page - Exar Corporation AN-206 Datasheet HTML 2Page - Exar Corporation AN-206 Datasheet HTML 3Page - Exar Corporation AN-206 Datasheet HTML 4Page - Exar Corporation AN-206 Datasheet HTML 5Page - Exar Corporation AN-206 Datasheet HTML 6Page - Exar Corporation AN-206 Datasheet HTML 7Page - Exar Corporation AN-206 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APPLICATION NOTE
2
AN206
3.0 PROGRAM EEPROM
The EEPROM must be organized into address/data pairs. The first word of the pair is the address. Table 1 be-
low shows the format of the 16-bit address:
TABLE 1: EEPROM ADDRESS BIT DEFINITIONS
BIT(S)
DEFINITION
15
Parity Bit - Odd parity over entire address/data pair
If there is a parity error, it will be reported in bit-3 of the REGB register in the Device Configura-
tion Registers (offset 0x08E).
14
Final Address
If 1, this will be the last data to be read.
If 0, there will be more data to be read after this.
13:8
Reserved - Bits must be ’0’
7:0
Target Address -- See Table 2
Table 2 shows the Target Addresses available for programming into bits 7:0 of the 16-bit address word. All oth-
er Target Addresses are reserved and must not be used.
TABLE 2: TARGET ADDRESS FOR EEPROM VALUES
TARGET ADDRESS
DATA
EXAR DEFAULT
0x00
Vendor ID
0x13A8
0x01
Device ID
0x0358 -- No slave
0x4358 -- XR17V354 slave present
0x8358 -- XR17V358 slave present
0x02
Class code [7:0]
lower 8 bits are reserved
0x0200
0x03
Class code [23:8]
0x0700
0x04
Subsystem Vendor ID
0x0000
0x05
Subsystem ID
0x0000
The second word of the pair is the data. The default values are shown in Table 2. Figure 2 shows the format of
one address/data pair:


Similar Part No. - AN-206

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
   The following sections will demonstrate how to achieve
logo
Analog Devices
AN-202 AD-AN-202 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
logo
Exar Corporation
AN-202 EXAR-AN-202 Datasheet
161Kb / 4P
   USB UART BOARD DESIGN CONSIDERATIONS FOR USB COMPLIANCE
logo
National Semiconductor ...
AN-2020 NSC-AN-2020 Datasheet
611Kb / 10P
   Thermal Design By Insight, Not Hindsight
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
   The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
More results

Similar Description - AN-206

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
logo
Motorola, Inc
M68HC11CFG MOTOROLA-M68HC11CFG Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
   EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
logo
Maxim Integrated Produc...
MAXQUSBJTAG-KIT MAXIM-MAXQUSBJTAG-KIT Datasheet
1Mb / 8P
   Programming Interface for MAXQ Microcontrollers
Rev 1; 11/10
logo
Renesas Technology Corp
E8A RENESAS-E8A Datasheet
141Kb / 12P
   On Board Programming for QzROM
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
   FlashLINK JTAG programming cable for STR9
logo
Omron Electronics LLC
G9SP OMRON-G9SP Datasheet
2Mb / 16P
   Easy programming for complex safety control
logo
Axiomtek Co., Ltd.
CEM831 AXIOMTEK-CEM831 Datasheet
244Kb / 1P
   19 lanes for PCIe
logo
Mallory performance clu...
PN4219 MALLORY-PN4219 Datasheet
738Kb / 8P
   Programming Instructions for the SB6 Ignitions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com