Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X4008T1F-MF70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6X4008T1F-MF70
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X4008T1F-MF70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6X4008T1F-MF70 Datasheet HTML 1Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 2Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 3Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 4Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 5Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 6Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 7Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 8Page - Samsung semiconductor K6X4008T1F-MF70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6X4008T1F Family
CMOS SRAM
Revision 1.0
September 2003
3
PRODUCT LIST
1. Operating voltage range is 3.0V~3.6V
Commercial Products(0~70
°°C)
Industrial Products(-40~85
°°C)
Automotive Products(-40~125
°°C)
Part Name
Function
Part Name
Function
Part Name
Function
K6X4008T1F-GB551)
K6X4008T1F-GB70
K6X4008T1F-GB85
K6X4008T1F-YB551)
K6X4008T1F-YB70
K6X4008T1F-YB85
K6X4008T1F-VB551)
K6X4008T1F-VB70
K6X4008T1F-VB85
K6X4008T1F-MB551)
K6X4008T1F-MB70
K6X4008T1F-MB85
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-sTSOP1-F, 55ns, LL
32-sTSOP1-F, 70ns, LL
32-sTSOP1-F, 85ns, LL
32-TSOP2-F, 55ns, LL
32-TSOP2-F, 70ns, LL
32-TSOP2-F, 85ns, LL
32-TSOP2-R, 55ns, LL
32-TSOP2-R, 70ns, LL
32-TSOP2-R, 85ns, LL
K6X4008T1F-GF551)
K6X4008T1F-GF70
K6X4008T1F-GF85
K6X4008T1F-YF551)
K6X4008T1F-YF70
K6X4008T1F-YF85
K6X4008T1F-VF551)
K6X4008T1F-VF70
K6X4008T1F-VF85
K6X4008T1F-MF551)
K6X4008T1F-MF70
K6X4008T1F-MF85
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-sTSOP1-F, 55ns, LL
32-sTSOP1-F, 70ns, LL
32-sTSOP1-F, 85ns, LL
32-TSOP2-F, 55ns, LL
32-TSOP2-F, 70ns, LL
32-TSOP2-F, 85ns, LL
32-TSOP2-R, 55ns, LL
32-TSOP2-R, 70ns, LL
32-TSOP2-R, 85ns, LL
K6X4008T1F-GQ70
K6X4008T1F-GQ85
K6X4008T1F-YQ70
K6X4008T1F-YQ85
K6X4008T1F-VQ70
K6X4008T1F-VQ85
32-SOP, 70ns, L
32-SOP, 85ns, L
32-sTSOP1-F, 70ns, L
32-sTSOP1-F, 85ns, L
32-TSOP2-F, 70ns, L
32-TSOP2-F, 85ns, L
FUNCTIONAL DESCRIPTION
1. X means don
′t care (Must be in low or high state)
CS
OE
WE
I/O
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output Disabled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN, VOUT
-0.2 to VCC+0.3(max. 3.9V)
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 3.9
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6F4008T1F-B
-40 to 85
°C
K6F4008T1F-F
-40 to 125
°C
K6F4008T1F-Q


Similar Part No. - K6X4008T1F-MF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-B SAMSUNG-K6X4008C1F-B Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB55 SAMSUNG-K6X4008C1F-BB55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BB70 SAMSUNG-K6X4008C1F-BB70 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008C1F-BF55 SAMSUNG-K6X4008C1F-BF55 Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
More results

Similar Description - K6X4008T1F-MF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com