Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC157RGYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC157RGYR
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC157RGYR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC157RGYR Datasheet HTML 1Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 2Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 3Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 4Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 5Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 6Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 7Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 8Page - Texas Instruments SN74AHC157RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN54AHC157
SN74AHC157
www.ti.com
SCLS345J – MAY 1996 – REVISED JUNE 2013
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.5 to 7
V
Input voltage range, VI
(2)
–0.5 to 7
V
Output voltage range, VO
(2)
–0.5 to VCC + 0.5
V
Input clamp current, IIK (VI < 0)
–20
mA
Output clamp current, IOK (VO < 0 or VO > VCC)
±20
mA
Continuous output current, IO (VO = 0 to VCC)
±25
mA
Continuous current through VCC or GND
±50
mA
D package(3)
73
DB package(3)
82
DGV package(3)
120
Package thermal impedance,
θJA
N package(3)
67
°C/W
NS package(3)
64
PW package(3)
108
RGY package(4)
39
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
(1)
SN54AHC157
SN74AHC157
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC= 2 V
1.5
1.5
VIH
High-level input voltage
VCC= 3V
2.1
2.1
V
VCC= 5.5 V
3.85
3.85
VCC= 2 V
0.5
0.5
VIL
Low-level Input voltage
VCC= 3 V
0.9
0.9
V
VCC= 5.5 V
1.65
1.65
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC= 2 V
–50
–50
IOH
High-level output current
VCC= 3.3 V ± 0.3 V
–4
–4
mA
VCC= 5 V ± 0.5 V
–8
–8
VCC= 2 V
50
50
IOL
Low-level output current
VCC= 3.3 V ± 0.3 V
4
4
mA
VCC= 5 V ± 0.5 V
8
8
VCC= 3.3 V ± 0.3 V
100
100
Δt/Δv
Input Transition rise or fall rate
ns/V
VCC= 5 V ± 0.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHC157 SN74AHC157


Similar Part No. - SN74AHC157RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC157RGYR TI-SN74AHC157RGYR Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AHC157RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com