Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT86DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT86DR
Description  Quadruple 2-Input Exclusive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT86DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AHCT86DR Datasheet HTML 4Page - Texas Instruments SN74AHCT86DR Datasheet HTML 5Page - Texas Instruments SN74AHCT86DR Datasheet HTML 6Page - Texas Instruments SN74AHCT86DR Datasheet HTML 7Page - Texas Instruments SN74AHCT86DR Datasheet HTML 8Page - Texas Instruments SN74AHCT86DR Datasheet HTML 9Page - Texas Instruments SN74AHCT86DR Datasheet HTML 10Page - Texas Instruments SN74AHCT86DR Datasheet HTML 11Page - Texas Instruments SN74AHCT86DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
An exclusive-OR gate has many applications, some of which can be represented better by alternative
logic symbols.
= 1
EXCLUSIVE OR
These are five equivalent exclusive-OR symbols valid for an SN74AHCT86 gate in positive logic; negation may be shown at any two ports.
=
2k
2k + 1
LOGIC-IDENTITY ELEMENT
EVEN-PARITY ELEMENT
ODD-PARITY ELEMENT
The output is active (low) if
all inputs stand at the same
logic level (that is, A = B).
The output is active (low) if
an even number of inputs
(that is, 0 or 2) are active.
The output is active (high) if
an odd number of inputs
(that is, only 1 of the 2) are
active.
SN54AHCT86, SN74AHCT86
SCLS250N – OCTOBER 1995 – REVISED AUGUST 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SNx4AHCT86 devices are quadruple 2-input exclusive-OR gates. These devices perform the Boolean
function Y = A × B or Y = AB + AB in positive logic.
The inputs are TTL compatible allowing 3.3 V to 5 V translation.
9.2 Functional Block Diagram
Figure 3. Exclusive-OR Logic
9.3 Feature Description
TTL inputs
Lowered switching threshold allows up translation 3.3 V to 5 V
Slow edges reduce output ringing
9.4 Device Functional Modes
Table 1. Function Table
(Each Gate)
INPUTS
OUTPUT
Y
A
B
L
L
L
L
H
H
H
L
H
H
H
L
8
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHCT86 SN74AHCT86


Similar Part No. - SN74AHCT86DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT86DR TI-SN74AHCT86DR Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86DR TI-SN74AHCT86DR Datasheet
1Mb / 34P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86DR TI-SN74AHCT86DR Datasheet
1Mb / 33P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN74AHCT86DR TI-SN74AHCT86DR Datasheet
2Mb / 35P
[Old version datasheet]   SNx4AHCT86 Quadruple 2-Input Exclusive-OR Gates
REVISED MAY 2023
SN74AHCT86DRE4 TI-SN74AHCT86DRE4 Datasheet
84Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results

Similar Description - SN74AHCT86DR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
74AHC86 DIODES-74AHC86 Datasheet
292Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com