Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC158NSRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AHC158NSRE4
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC158NSRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHC158NSRE4 Datasheet HTML 1Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 2Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 3Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 4Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 5Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 6Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 7Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 8Page - Texas Instruments SN74AHC158NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54AHC158, SN74AHC158
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SCLS346G – MAY 1996 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC158
SN74AHC158
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
4.1*
6.4*
1*
7.5*
1
7.5
ns
tPHL
A or B
Y
CL = 15 pF
4.1*
6.4*
1*
7.5*
1
7.5
ns
tPLH
A/B
Y
CL =15 pF
5.3*
8.1*
1*
9.5*
1
9.5
ns
tPHL
A/B
Y
CL = 15 pF
5.3*
8.1*
1*
9.5*
1
9.5
ns
tPLH
G
Y
CL =15 pF
5.6*
8.6*
1*
10*
1
10
ns
tPHL
G
Y
CL = 15 pF
5.6*
8.6*
1*
10*
1
10
ns
tPLH
AorB
Y
CL =50 pF
5.6
8.4
1
9.5
1
9.5
ns
tPHL
A or B
Y
CL = 50 pF
5.6
8.4
1
9.5
1
9.5
ns
tPLH
A/B
Y
CL =50 pF
6.8
10.1
1
11.5
1
11.5
ns
tPLH
A/B
Y
CL = 50 pF
6.8
10.1
1
11.5
1
11.5
ns
tPLH
G
Y
CL =50 pF
7.1
10.6
1
12
1
12
ns
tPHL
G
Y
CL = 50 pF
7.1
10.6
1
12
1
12
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC158
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.8
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
11
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC158NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC158N TI-SN74AHC158N Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AHC158NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com