Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC16541DLR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC16541DLR
Description  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC16541DLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AHC16541DLR Datasheet HTML 5Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 6Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 7Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 8Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 9Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 10Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 11Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 12Page - Texas Instruments SN74AHC16541DLR Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN74AHC16541DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC16541DL TI-SN74AHC16541DL Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC16541DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com