Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC158DBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC158DBLE
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC158DBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC158DBLE Datasheet HTML 1Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 2Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 3Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 4Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 5Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 6Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 7Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 8Page - Texas Instruments SN74AHC158DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN54AHC158, SN74AHC158
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SCLS346G – MAY 1996 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54AHC158
SN74AHC158
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
–4
mA
VCC = 5 V ± 0.5 V
–8
–8
mA
VCC = 2 V
50
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
4
mA
VCC = 5 V ± 0.5 V
8
8
mA
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
100
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 5 V ± 0.5 V
20
20
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC158DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC158DB TI-SN74AHC158DB Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AHC158DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com