Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC157PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC157PW
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC157PW Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC157PW Datasheet HTML 1Page - Texas Instruments SN74AHC157PW Datasheet HTML 2Page - Texas Instruments SN74AHC157PW Datasheet HTML 3Page - Texas Instruments SN74AHC157PW Datasheet HTML 4Page - Texas Instruments SN74AHC157PW Datasheet HTML 5Page - Texas Instruments SN74AHC157PW Datasheet HTML 6Page - Texas Instruments SN74AHC157PW Datasheet HTML 7Page - Texas Instruments SN74AHC157PW Datasheet HTML 8Page - Texas Instruments SN74AHC157PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN74AHC157 . . . D,DB,DGV,N,NS,
OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4B
NC
4Y
3A
1B
1Y
NC
2A
2B
SN54AHC157 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A /B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
NC − No internal connection
SN74AHC157 . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
G
4A
4B
4Y
3A
3B
1A
1B
1Y
2A
2B
2Y
SN54AHC157 . . . J or W PACKAGE
SN54AHC157
SN74AHC157
www.ti.com
SCLS345J – MAY 1996 – REVISED JUNE 2013
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Check for Samples: SN54AHC157, SN74AHC157
1
FEATURES
Operating Range 2-V to 5.5-V
ESD Protection Exceeds JESD 22
Latch-Up Performance Exceeds 250 mA Per
2000-V Human-Body Model (A114-A)
JESD 17
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
DESCRIPTION
These quadruple 2-line to 1-line data selectors/multiplexers are designed for 2-V to 5.5-V VCC operation.
The ’AHC157 devices feature a common strobe (G) input. When the strobe is high, all outputs are low. When the
strobe is low, a 4-bit word is selected from one of two sources and is routed to the four outputs. The devices
provide true data.
FUNCTION TABLE
INPUTS
OUTP
UT
G
A/B
A
B
Y
H
X
X
X
L
L
L
L
X
L
L
L
H
X
H
L
H
X
L
L
L
H
X
H
H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AHC157PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC157PW TI-SN74AHC157PW Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74AHC157PWE4 TI-SN74AHC157PWE4 Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74AHC157PWG4 TI-SN74AHC157PWG4 Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74AHC157PWLE TI-SN74AHC157PWLE Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74AHC157PWR TI-SN74AHC157PWR Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74AHC157PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com