Electronic Components Datasheet Search |
|
SN74AHC158 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74AHC158 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 18 page SN54AHC158, SN74AHC158 QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS SCLS346G – MAY 1996 – REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Range 2-V to 5.5-V VCC D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) description/ordering information These quadruple 2-line to 1-line data selectors/multiplexers are designed for 2-V to 5.5-V VCC operation. The ’AHC158 devices feature a common strobe (G) input. When the strobe is high, all outputs are high. When the strobe is low, a 4-bit word is selected from one of two sources and is routed to the four outputs. These devices provide inverted data. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube SN74AHC158N SN74AHC158N SOIC – D Tube SN74AHC158D AHC158 SOIC – D Tape and reel SN74AHC158DR AHC158 –40 °Cto85°C SOP – NS Tape and reel SN74AHC158NSR AHC158 –40 °C to 85°C SSOP – DB Tape and reel SN74AHC158DBR HA158 TSSOP PW Tube SN74AHC158PW HA158 TSSOP – PW Tape and reel SN74AHC158PWR HA158 TVSOP – DGV Tape and reel SN74AHC158DGVR HA158 CDIP – J Tube SNJ54AHC158J SNJ54AHC158J –55 °C to 125°C CFP – W Tube SNJ54AHC158W SNJ54AHC158W LCCC – FK Tube SNJ54AHC158FK SNJ54AHC158FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54AHC158 ...J OR W PACKAGE SN74AHC158 . . . D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4A 4B NC 4Y 3A 1B 1Y NC 2A 2B SN54AHC158 . . . FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 A /B 1A 1B 1Y 2A 2B 2Y GND VCC G 4A 4B 4Y 3A 3B 3Y NC – No internal connection |
Similar Part No. - SN74AHC158 |
|
Similar Description - SN74AHC158 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |