Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV431AIM5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV431AIM5
Description  Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431AIM5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV431AIM5 Datasheet HTML 5Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 6Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 7Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 8Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 9Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 10Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 11Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 12Page - National Semiconductor (TI) LMV431AIM5 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Performance Characteristics
Reference Voltage vs. Junction Temperature
Reference Input Current vs. Junction Temperature
10095850
10095862
Cathode Current vs. Cathode Voltage 1
Cathode Current vs. Cathode Voltage 2
10095851
10095852
Off-State Cathode Current vs.
Junction Temperature
Delta Reference Voltage Per
Delta Cathode Voltage vs. Junction Temperature
10095863
10095861
www.national.com
9


Similar Part No. - LMV431AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431AIM5 NSC-LMV431AIM5 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Texas Instruments
LMV431AIM5 TI1-LMV431AIM5 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431AIM5/NOPB TI1-LMV431AIM5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
National Semiconductor ...
LMV431AIM5X NSC-LMV431AIM5X Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Texas Instruments
LMV431AIM5X TI1-LMV431AIM5X Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
More results

Similar Description - LMV431AIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432 Datasheet
229Kb / 13P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com