Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC00N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC00N
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC00N Datasheet(HTML) 1 Page - Texas Instruments

  SN74AHC00N Datasheet HTML 1Page - Texas Instruments SN74AHC00N Datasheet HTML 2Page - Texas Instruments SN74AHC00N Datasheet HTML 3Page - Texas Instruments SN74AHC00N Datasheet HTML 4Page - Texas Instruments SN74AHC00N Datasheet HTML 5Page - Texas Instruments SN74AHC00N Datasheet HTML 6Page - Texas Instruments SN74AHC00N Datasheet HTML 7Page - Texas Instruments SN74AHC00N Datasheet HTML 8Page - Texas Instruments SN74AHC00N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
A
B
Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54AHC00 . . . JORWP ACKAGE
SN74AHC00 . . . D,DB,DGV,N,NS,
OR PW PACKAGE
(TOP VIEW)
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54AHC00 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN74AHC00 . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
SN54AHC00
SN74AHC00
www.ti.com
SCLS227J – OCTOBER 1995 – REVISED MAY 2013
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Check for Samples: SN54AHC00, SN74AHC00
1
FEATURES
Operating Range 2-V to 5.5-V
ESD Protection Exceeds JESD 22
Latch-Up Performance Exceeds 250 mA Per
2000-V Human-Body Model (A114-A)
JESD 17
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
DESCRIPTION
The ’AHC00 devices perform the Boolean function Y = A • B or Y = A + B in positive logic.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
X
H
X
L
H
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AHC00N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC00N TI-SN74AHC00N Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00N TI-SN74AHC00N Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00N TI-SN74AHC00N Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00N TI-SN74AHC00N Datasheet
2Mb / 37P
[Old version datasheet]   SNx4AHC00 Quadruple 2-Input Positive-NAND Gates
REVISED JUNE 2023
SN74AHC00NE4 TI-SN74AHC00NE4 Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74AHC00N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com