Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH4005SCT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH4005SCT
Description  40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4005SCT Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH4005SCT Datasheet HTML 1Page - Diodes Incorporated DMTH4005SCT Datasheet HTML 2Page - Diodes Incorporated DMTH4005SCT Datasheet HTML 3Page - Diodes Incorporated DMTH4005SCT Datasheet HTML 4Page - Diodes Incorporated DMTH4005SCT Datasheet HTML 5Page - Diodes Incorporated DMTH4005SCT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMTH4005SCT
Document number: DS38888 Rev. 1 - 2
3 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DMTH4005SCT
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 6.0V
V
GS = 4.5V
V
GS = 5.0V
V
GS = 10.0V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=5V
T
J=-55℃
T
J=25℃
T
J=85℃
T
J=125℃
T
J=150℃
T
J=175℃
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0
20
40
60
80
100
I
D, DRAIN-SOURCE CURRENT( A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
V
GS = 10.0V
0
0.005
0.01
0.015
0.02
0
4
8
12
16
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 50A
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0
20
40
60
80
100
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS=10V
T
J= -55℃
T
J= 25℃
T
J= 85℃
T
J= 125℃
T
J= 150℃
T
J= 175℃
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 10V, ID = 20A
V
GS = 10V, ID = 50A


Similar Part No. - DMTH4005SCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMTH4005SCT ISC-DMTH4005SCT Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMTH4005SCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3Q DIODES-DMNH4011SK3Q Datasheet
493Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPSQ DIODES-DMTH4004SPSQ Datasheet
416Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com