Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9813HEKA-T Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # MAX9813HEKA-T
Description  Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

MAX9813HEKA-T Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button MAX9813HEKA-T Datasheet HTML 3Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 4Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 5Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 6Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 7Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 8Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 9Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 10Page - Dallas Semiconductor MAX9813HEKA-T Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain
Microphone Amplifiers with Integrated Bias
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
3.00
2.60
E
C
E1
E
BETWEEN 0.08mm AND 0.15mm FROM LEAD TIP.
8. MEETS JEDEC MO178.
8
0.60
1.75
0.30
L2
0
e1
e
L
1.50
E1
0.65 BSC.
1.95 REF.
0.25 BSC.
GAUGE PLANE
SEATING PLANE C
C
L
PIN 1
I.D. DOT
(SEE NOTE 6)
L
C
L
C
A2
e1
D
DETAIL "A"
5. COPLANARITY 4 MILS. MAX.
NOTE:
7. SOLDER THICKNESS MEASURED AT FLAT SECTION OF LEAD
6. PIN 1 I.D. DOT IS 0.3 MM MIN. LOCATED ABOVE PIN 1.
4. PACKAGE OUTLINE INCLUSIVE OF SOLDER PLATING.
3. PACKAGE OUTLINE EXCLUSIVE OF MOLD FLASH & METAL BURR.
HEEL OF THE LEAD PARALLEL TO SEATING PLANE C.
2. FOOT LENGTH MEASURED FROM LEAD TIP TO UPPER RADIUS OF
1. ALL DIMENSIONS ARE IN MILLIMETERS.
L2
L
A1
A
0.45
1.30
0.15
1.45
MAX
0.28
b
0.90
A2
0.00
A1
0.90
A
MIN
SYMBOL
3.00
0.20
2.80
D
0.09
C
SEE DETAIL "A"
L
C
b
e
D
1
21-0078
1
PACKAGE OUTLINE, SOT-23, 8L BODY
0
0


Similar Part No. - MAX9813HEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9813HEKA-T MAXIM-MAX9813HEKA-T Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
More results

Similar Description - MAX9813HEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9812 MAXIM-MAX9812_V01 Datasheet
280Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
2014
MAX9812 MAXIM-MAX9812 Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX9812HEXT MAXIM-MAX9812HEXT Datasheet
245Kb / 10P
   Tiny, Low-Cost, Single/Dual-Input, Fixed-Gain Microphone Amplifiers with Integrated Bias
Rev 2; 9/12
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
   Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
LMV101 NSC-LMV101_00 Datasheet
772Kb / 12P
   Fixed-Gain Amplifiers
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com