Electronic Components Datasheet Search |
|
ISD4004-12MX Datasheet(PDF) 9 Page - Winbond |
|
ISD4004-12MX Datasheet(HTML) 9 Page - Winbond |
9 / 28 page ISD4004 Series 5 ISD SERIAL PERIPHERAL INTERFACE (SPI) DESCRIPTION The ISD4004 series operates from an SPI serial inter- face. The SPI interface operates with the following protocol. The data transfer protocol assumes that the mi- crocontroller’s SPI shift registers are clocked on the falling edge of the SCLK. With the ISD4004, data is clocked in on the MOSI pin on the rising clock edge. Data is clocked out on the MISO pin on the falling clock edge. 1. All serial data transfers begin with the falling edge of SS pin. 2. SS is held LOW during all serial communica- tions and held HIGH between instructions. 3. Data is clocked in on the rising clock edge and data is clocked out on the falling clock edge. 4. Play and Record operations are initiated by enabling the device by asserting the SS pin LOW, shifting in an opcode and an address field to the ISD4004 device (refer to the Op- code Summary on the page 6). 5. The opcodes and address fields are as fol- lows: <8 control bits> and <16 address bits>. 6. Each operation that ends in an EOM or Overflow will generate an interrupt, includ- ing the Message Cueing cycles. The Inter- rupt will be cleared the next time an SPI cycle is initiated. 7. As Interrupt data is shifted out of the ISD4004 MISO pin, control and address data is simultaneously being shifted into the MOSI pin. Care should be taken such that the data shifted in is compatible with current system operation. It is possible to read interrupt data and start a new opera- tion within the same SPI cycle. 8. An operation begins with the RUN bit set and ends with the RUN bit reset. 9. All operations begin with the rising edge of SS. MESSAGE CUEING Message cueing allows the user to skip through messages, without knowing the actual physical lo- cation of the message. This operation is used dur- ing playback. In this mode, the messages are skipped 1600 times faster than in normal play- back mode. It will stop when an EOM marker is reached. Then, the internal address counter will point to the next message. |
Similar Part No. - ISD4004-12MX |
|
Similar Description - ISD4004-12MX |