Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608D0C-H Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9F5608D0C-H
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608D0C-H Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9F5608D0C-H Datasheet HTML 4Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 5Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 6Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 7Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 8Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 9Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 10Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 11Page - Samsung semiconductor K9F5608D0C-H Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
FLASH MEMORY
8
K9F5608D0C
K9F5608Q0C
K9F5608U0C
K9F5616D0C
K9F5616Q0C
K9F5616U0C
512Byte
16 Byte
Figure 1-1. K9F5608X0C (X8) FUNCTIONAL BLOCK DIAGRAM
Figure 2-1. K9F5608X0C (X8) ARRAY ORGANIZATION
NOTE : Column Address : Starting Address of the Register.
00h Command(Read) : Defines the starting address of the 1st half of the register.
01h Command(Read) : Defines the starting address of the 2nd half of the register.
* A8 is set to "Low" or "High" by the 00h or 01h Command.
* The device ignores any additional input of address cycles than reguired.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
A24
VCC
X-Buffers
256M + 8M Bit
Command
NAND Flash
ARRAY
(512 + 16)Byte x 65536
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A9 - A24
A0 - A7
Command
CE
RE
WE
WP
I/0 0
I/0 7
VCC/VCCQ
VSS
A8
1st half Page Register
(=256 Bytes)
2nd half Page Register
(=256 Bytes)
64K Pages
(=2,048 Blocks)
512 Byte
8 bit
16 Byte
1 Block =32 Pages
= (16K + 512) Byte
I/O 0 ~ I/O 7
1 Page = 528 Byte
1 Block = 528 Byte x 32 Pages
= (16K + 512) Byte
1 Device = 528Bytes x 32Pages x 2048 Blocks
= 264 Mbits
Column Address
Row Address
(Page Address)
Page Register
CLE ALE


Similar Part No. - K9F5608D0C-H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608D0C-H SAMSUNG-K9F5608D0C-H Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608D0C-H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com