Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT3006LFG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT3006LFG-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3006LFG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT3006LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 6Page - Diodes Incorporated DMT3006LFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT3006LFG
Document number: DS38252 Rev. 2 - 2
2 of 7
www.diodes.com
May 2016
© Diodes Incorporated
DMT3006LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±
20
V
Continuous Drain Current (Note 6) VGS = 10V
TC = +25°C
TC = +70°C
ID
55.6
44.4
A
Continuous Drain Current (Note 5) VGS = 10V
TA = +25°C
TA = +70°C
ID
16.0
12.8
A
Maximum Continuous Body Diode Forward Current (Note 5)
IS
2
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
80
A
Avalanche Current, L=0.1mH
IAS
25
A
Avalanche Energy, L=0.1mH
EAS
31
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
TC = +25°C
PD
27.8
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4.5
°C/W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
54
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = +20V, VDS = 0V
VGS = -16V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
3.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
4.8
6
m
VGS = 10V, ID = 12A
6.9
10
VGS = 4.5V, ID = 12A
Diode Forward Voltage
VSD
0.7
1.0
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
1,320
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
COSS
490
Reverse Transfer Capacitance
CRSS
77
Gate Resistance
RG
1.6
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
QG
10.6
nC
VDD = 15V, ID = 9A
Total Gate Charge (VGS = 10V)
QG
22.6
Gate-Source Charge
QGS
3.5
Gate-Drain Charge
QGD
3.5
Turn-On Delay Time
tD(ON)
2.7
ns
VDD = 15V, VGS = 10V,
RG = 3Ω, ID = 9A
Turn-On Rise Time
tR
2.7
Turn-Off Delay Time
tD(OFF)
13.7
Turn-Off Fall Time
tF
5.5
Body Diode Reverse Recovery Time
tRR
10.5
ns
IF = 1.5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
21.1
nC
Notes:
5. RJA is determined with the device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate. RJC is guaranteed by design
while RJA is determined by the user’s board design.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMT3006LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3006LFDF DIODES-DMT3006LFDF Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3006LFDF-13 DIODES-DMT3006LFDF-13 Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3006LFDF-7 DIODES-DMT3006LFDF-7 Datasheet
577Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT3006LFG-13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com