Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD4004-12MEI Datasheet(PDF) 10 Page - Winbond

Part # ISD4004-12MEI
Description  Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD4004-12MEI Datasheet(HTML) 10 Page - Winbond

Back Button ISD4004-12MEI Datasheet HTML 6Page - Winbond ISD4004-12MEI Datasheet HTML 7Page - Winbond ISD4004-12MEI Datasheet HTML 8Page - Winbond ISD4004-12MEI Datasheet HTML 9Page - Winbond ISD4004-12MEI Datasheet HTML 10Page - Winbond ISD4004-12MEI Datasheet HTML 11Page - Winbond ISD4004-12MEI Datasheet HTML 12Page - Winbond ISD4004-12MEI Datasheet HTML 13Page - Winbond ISD4004-12MEI Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISD4004 Series
6
Voice Solutions in Silicon
1. Message Cueing can be selected only at the
beginning of a play operation.
2. As the Interrupt data is shifted out of the ISD4004,
control and address data is being shifted in. Care
should be taken such that the data shifted in is
compatible with current system operation. It is
possible to read interrupt data and start a new
operation at the same time. See Figure 5 through
Figure 8 for Opcode format.
POWER-UP SEQUENCE
The ISD4004 will be ready for an operation after
T
PUD
(25 ms approximately for 8 KHz sample rate).
The user needs to wait T
PUD
before issuing an opera-
tional command. For example, to play from ad-
dress 00 the following programing cycle should be
used.
Playback Mode
1.
Send POWERUP command.
2.
Wait T
PUD
(power-up delay).
3.
Send SETPLAY command with address 00.
4.
Send PLAY command.
The device will start playback at address 00 and it
will
generate
an
interrupt
when
an
EOM
is
reached. It will then stop playback.
Record Mode
1. Send POWERUP command.
2. Wait T
PUD
(power-up delay).
3. Send POWERUP command.
4. Send SETREC command with address 00.
5. Send REC command.
The device will start recording at address 00 and it
will
generate
an
interrupt
when
an
overflow
is
reached (end of memory array). It will then stop re-
cording.
Table 2:Opcode Summary
Instruction
Opcode <8 bits>
Address <16 bits>
Operational Summary
POWERUP
00100XXX
Power-Up: Device will be ready for an operation after T
PUD
.
SETPLAY
11100XXX <A15–A0>
Initiates Playback from address <A15–A0>.
PLAY
11110XXX
Playback from the current address (until EOM or OVF).
SETREC
10100XXX <A15–A0>
Initiates a Record operation from address <A15–A0>.
REC
10110XXX
Records from current address until OVF is reached.
SETMC
11101XXX <A15–A0>
Initiates Message Cueing (MC) from address <A15–A0>.
MC
1
11111XXX
Performs a Message Cue. Proceeds to the end of the current
message (EOM) or enters OVF condition if no more messages are
present.
STOP
0X110XXX
Stops current operation.
STOPPWRDN
0X01XXXX
Stops current Operation and enters stand-by (power-down) mode.
RINT
2
0X110XXX
Read Interrupt status bits: Overflow and EOM.


Similar Part No. - ISD4004-12MEI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4004-12M ETC1-ISD4004-12M Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4004-12MP NUVOTON-ISD4004-12MP Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-12MS NUVOTON-ISD4004-12MS Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-12MSI NUVOTON-ISD4004-12MSI Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
ISD4004-12MX NUVOTON-ISD4004-12MX Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
More results

Similar Description - ISD4004-12MEI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com