Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS2412 Datasheet(PDF) 6 Page - SEC Electronics Inc.

Part # SS2412
Description  CMOS High Sensitivity Micropower Hall Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2412 Datasheet(HTML) 6 Page - SEC Electronics Inc.

  SS2412 Datasheet HTML 1Page - SEC Electronics Inc. SS2412 Datasheet HTML 2Page - SEC Electronics Inc. SS2412 Datasheet HTML 3Page - SEC Electronics Inc. SS2412 Datasheet HTML 4Page - SEC Electronics Inc. SS2412 Datasheet HTML 5Page - SEC Electronics Inc. SS2412 Datasheet HTML 6Page - SEC Electronics Inc. SS2412 Datasheet HTML 7Page - SEC Electronics Inc. SS2412 Datasheet HTML 8Page - SEC Electronics Inc. SS2412 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SS2412
CMOS High Sensitivity Micropower Hall Latch
6
V3.10
Nov 1, 2013
Package Information
Package TO92 3-Pin SIP:
4.0 ± 0.01
1
2
3
1.27
2.13
1.87
1.00
1.20
45° ± 1°
3° ± 1°
0.44± 0.01
0.05 ± 0.01
0.84(Nom)
3° ± 1°
6° ± 1°
6° ± 1°
3° ± 1°
Active Area Depth:
Sensor Location
1
2
3
Notes:
1). Controlling dimension : mm ;
2). Leads must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
4). PINOUT:
Pin 1
VDD
Pin 2
GND
Pin 3
Output
0.39± 0.01
0.38 ± 0.01
2.54


Similar Part No. - SS2412

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2413 SECELECTRONICS-SS2413 Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2413ESOT SECELECTRONICS-SS2413ESOT Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2413EUA SECELECTRONICS-SS2413EUA Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2413KSOT SECELECTRONICS-SS2413KSOT Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
SS2413KUA SECELECTRONICS-SS2413KUA Datasheet
368Kb / 9P
   Hall Latch - High Sensitivity
More results

Similar Description - SS2412

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS2015 SECELECTRONICS-SS2015 Datasheet
194Kb / 6P
   CMOS High Sensitivity Micropower Hall Latch
logo
BCD Semiconductor Manuf...
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
SEC Electronics Inc.
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
   CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com