Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS1352LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1352LSOT
Description  Unipolar Hall Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1352LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1352LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS1352LSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS1352
Unipolar Hall Switch
1
V3.10
Nov 1, 2013
Features and Benefits
Wide operating voltage range from 3.5V to 24V
Medium sensitivity
CMOS technology
Chopper-stabilized amplifier stage
 Superior temperature stability
 Extremely low switchpoint drift
 Insensitive to physical stress
Low current consumption
Open drain output
Tiny SOT23 3L or flat SIP 3L
both RoHS Compliant packages
Application Examples
Automotive, Consumer and Industrial
Solid-state switch
Interrupter
Speed detection
Linear position detection
Angular position detection
Proximity detection
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND


Similar Part No. - SS1352LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1350 SECELECTRONICS-SS1350 Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350ESOT SECELECTRONICS-SS1350ESOT Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350EUA SECELECTRONICS-SS1350EUA Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350KSOT SECELECTRONICS-SS1350KSOT Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350KUA SECELECTRONICS-SS1350KUA Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS1352LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109_14 Datasheet
203Kb / 5P
   Unipolar Hall Switch
SS1438 SECELECTRONICS-SS1438 Datasheet
248Kb / 8P
   Unipolar Hall Switch
SS5682_1311 SECELECTRONICS-SS5682_1311 Datasheet
260Kb / 8P
   Unipolar Hall Switch
SS109_1311 SECELECTRONICS-SS109_1311 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS109 SECELECTRONICS-SS109 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS5782 SECELECTRONICS-SS5782 Datasheet
243Kb / 9P
   Unipolar Hall Switch
SS5682 SECELECTRONICS-SS5682 Datasheet
243Kb / 9P
   Unipolar Hall Switch
logo
Major-Power Technology ...
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com