Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X1008T2D-TB70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6X1008T2D-TB70
Description  128Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X1008T2D-TB70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6X1008T2D-TB70 Datasheet HTML 1Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 2Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 3Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 4Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 5Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 6Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 7Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 8Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CMOS SRAM
K6X1008T2D Family
Revision 1.0
September 2003
3
PRODUCT LIST
1. Operating voltage range is 3.0V~3.6V
2. Lead Free Product
Commercial Products(0~70
°C)
Industrial Products(-40~85
°C)
Atomotive Products(-40~125
°C)
Part Name
Function
Part Name
Function
Part Name
Function
K6X1008T2D-GB551)
K6X1008T2D-GB70
K6X1008T2D-GB85
K6X1008T2D-TB551)
K6X1008T2D-TB70
K6X1008T2D-TB85
K6X1008T2D-BB551,2)
K6X1008T2D-BB702)
K6X1008T2D-BB852)
K6X1008T2D-PB551,2)
K6X1008T2D-PB702)
K6X1008T2D-PB852)
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-TSOP-F, 55ns, LL
32-TSOP-F, 70ns, LL
32-TSOP-F, 85ns, LL
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-TSOP-F, 55ns, LL
32-TSOP-F, 70ns, LL
32-TSOP-F, 85ns, LL
K6X1008T2D-GF551)
K6X1008T2D-GF70
K6X1008T2D-GF85
K6X1008T2D-TF551)
K6X1008T2D-TF70
K6X1008T2D-TF85
K6X1008T2D-BF551,2)
K6X1008T2D-BF702)
K6X1008T2D-BF852)
K6X1008T2D-PF551,2)
K6X1008T2D-PF702)
K6X1008T2D-PF852)
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-TSOP-F, 55ns, LL
32-TSOP-F, 70ns, LL
32-TSOP-F, 85ns, LL
32-SOP, 55ns, LL
32-SOP, 70ns, LL
32-SOP, 85ns, LL
32-TSOP-F, 55ns, LL
32-TSOP-F, 70ns, LL
32-TSOP-F, 85ns, LL
K6X1008T2D-GQ70
K6X1008T2D-GQ85
K6X1008T2D-TQ70
K6X1008T2D-TQ85
32-SOP, 70ns, L
32-SOP, 85ns, L
32-TSOP-F, 70ns, L
32-TSOP-F, 85ns, L
FUNCTIONAL DESCRIPTION
1. X means don
′t care (Must be in high or low states)
CS1
CS2
OE
WE
I/O
Mode
Power
H
X1)
X1)
X1)
High-Z
Deselected
Standby
X1)
L
X1)
X1)
High-Z
Deselected
Standby
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Dout
Read
Active
L
H
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.2 to VCC+0.3V(Max. 3.9V)
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.2 to 3.9
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6X1008T2D-B
-40 to 85
°C
K6X1008T2D-F
-40 to 125
°C
K6X1008T2D-Q


Similar Part No. - K6X1008T2D-TB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-B SAMSUNG-K6X1008C2D-B Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB55 SAMSUNG-K6X1008C2D-BB55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB70 SAMSUNG-K6X1008C2D-BB70 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BF55 SAMSUNG-K6X1008C2D-BF55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X1008T2D-TB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Samsung semiconductor
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com