Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6X1008T2D-TB70 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6X1008T2D-TB70
Description  128Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6X1008T2D-TB70 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6X1008T2D-TB70 Datasheet HTML 1Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 2Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 3Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 4Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 5Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 6Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 7Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 8Page - Samsung semiconductor K6X1008T2D-TB70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CMOS SRAM
K6X1008T2D Family
Revision 1.0
September 2003
8
DATA RETENTION WAVE FORM
CS1 controlled
VCC
2.7V
2.2V
VDR
CS1
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low: A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS1 or WE going high tWR2 applied
in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
2.7V
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V


Similar Part No. - K6X1008T2D-TB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-B SAMSUNG-K6X1008C2D-B Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB55 SAMSUNG-K6X1008C2D-BB55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BB70 SAMSUNG-K6X1008C2D-BB70 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D-BF55 SAMSUNG-K6X1008C2D-BF55 Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6X1008T2D-TB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EM128L08 ETC1-EM128L08 Datasheet
42Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
EM128C08 ETC1-EM128C08 Datasheet
61Kb / 7P
   128Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Samsung semiconductor
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com