Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTSA-2835ZAET Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTSA-2835ZAET
Description  SMD LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-2835ZAET Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTSA-2835ZAET Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 9Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 10Page - Lite-On Technology Corporation LTSA-2835ZAET Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
6/13
Part No. : LTSA-2835ZAET
BNS-OD-FC002/A4
SMD LED
LTSA-2835ZAET(PRELIMINARY)
4.3 Color Rank
Color Bin Table
Test
@150mA
Bin Code
Color Bin Limits
Bin
Code
Color Bin Limits
CIE- Point1
Point2
Point3
Point4
CIE- Point1
Point2
Point3
Point4
A10
x
0.5775
0.5843
0.5622
0.5576
A20
x
0.5705
0.5775
0.5576
0.5499
y
0.4132
0.4151
0.4372
0.4326
y
0.4111
0.4132
0.4326
0.4249
B10
x
0.5775
0.5843
0.6062
0.5982
B20
x
0.5705
0.5775
0.6000
0.5940
y
0.4132
0.4151
0.3930
0.3930
y
0.4111
0.4132
0.3930
0.3930
Tolerance on each Hue bin (x, y) bin is +/- 0.01.
4.4 Chromaticity Coordinate


Similar Part No. - LTSA-2835ZAET

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTSA-2835SAKT LITEON-LTSA-2835SAKT Datasheet
679Kb / 13P
   SMD LED
LTSA-2835VAKT LITEON-LTSA-2835VAKT Datasheet
670Kb / 13P
   SMD LED
More results

Similar Description - LTSA-2835ZAET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com