Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYR100N120C3 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXYR100N120C3
Description  1200V XPTTM IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYR100N120C3 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYR100N120C3 Datasheet HTML 1Page - IXYS Corporation IXYR100N120C3 Datasheet HTML 2Page - IXYS Corporation IXYR100N120C3 Datasheet HTML 3Page - IXYS Corporation IXYR100N120C3 Datasheet HTML 4Page - IXYS Corporation IXYR100N120C3 Datasheet HTML 5Page - IXYS Corporation IXYR100N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYR100N120C3
IXYS REF: IXY_100N120C3(9T)10-26-11
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
20
40
60
80
100
120
140
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
27
28
29
30
31
32
33
t r i
td(on) - - - -
RG = 1, VGE = 15V
VCE = 600V
TJ = 25ºC
TJ = 125ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
25
50
75
100
125
TJ - Degrees Centigrade
27
28
29
30
31
32
33
34
35
t r i
td(on) - - - -
RG = 1, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
0
40
80
120
160
200
12
34
5
6
78
9
10
RG - Ohms
20
30
40
50
60
70
t r i
td(on) - - - -
TJ = 125ºC, VGE = 15V
VCE = 600V
I C = 50A
I C = 100A


Similar Part No. - IXYR100N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
More results

Similar Description - IXYR100N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYJ20N120C3D1 IXYS-IXYJ20N120C3D1 Datasheet
224Kb / 7P
   1200V XPTTM IGBT
IXYH40N120C3D1 IXYS-IXYH40N120C3D1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT
IXYT20N120C3D1HV IXYS-IXYT20N120C3D1HV Datasheet
228Kb / 7P
   1200V XPTTM IGBT
IXYH40N120B3 IXYS-IXYH40N120B3 Datasheet
177Kb / 6P
   1200V XPTTM IGBT
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
   1200V XPTTM IGBTs GenX3TM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com