Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYH30N65B3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYH30N65B3D1
Description  Advance Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYH30N65B3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYH30N65B3D1 Datasheet HTML 1Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 2Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 3Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 4Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 5Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 6Page - IXYS Corporation IXYH30N65B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYH30N65B3D1
IXYQ30N65B3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
e
P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitted
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Reverse Diode (FRED)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min. Typ.
Max.
V
F
I
F = 30A, VGE = 0V, Note 1
2.5
V
T
J = 150°C
1.4
V
I
rr
T
J = 150°C
23
A
t
rr
T
J = 150°C
133
ns
R
thJC
0.60 °C/W
I
F = 30A, VGE = 0V,
-di
F/dt = 500A/μs, VR = 400V
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 30A, VCE = 10V, Note 1
11
19
S
C
ies
1240
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
172
pF
C
res
30
pF
Q
g(on)
45
nC
Q
ge
I
C = 30A, VGE = 15V, VCE = 0.5 • VCES
8
nC
Q
gc
23
nC
t
d(on)
17
ns
t
ri
38
ns
E
on
0.83
mJ
t
d(off)
87
ns
t
fi
33
ns
E
off
0.64
1.20
mJ
t
d(on)
17
ns
t
ri
40
ns
E
on
1.63
mJ
t
d(off)
106
ns
t
fi
93
ns
E
off
1.00
mJ
R
thJC
0.55 °C/W
R
thCS
0.25
°C/W
Inductive load, T
J = 25°C
I
C = 30A, VGE = 15V
V
CE = 400V, RG = 10
Note 2
Inductive load, T
J = 150°C
I
C = 30A, VGE = 15V
V
CE = 400V, RG = 10
Note 2
TO-3P Outline
1 = Gate
2,4 = Collector
3 = Emitter


Similar Part No. - IXYH30N65B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYH30N120C3 IXYS-IXYH30N120C3 Datasheet
186Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH30N120C3D1 IXYS-IXYH30N120C3D1 Datasheet
189Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYH30N170C IXYS-IXYH30N170C Datasheet
202Kb / 6P
   High Voltage XPT IGBT
IXYH30N450HV IXYS-IXYH30N450HV Datasheet
243Kb / 4P
   Advance Technical Information
More results

Similar Description - IXYH30N65B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com