Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYX120N120B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYX120N120B3
Description  Advance Technical Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX120N120B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYX120N120B3 Datasheet HTML 1Page - IXYS Corporation IXYX120N120B3 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYK120N120B3
IXYX120N120B3
V
CES
= 1200V
I
C110
= 120A
V
CE(sat) 



 2.2V
t
fi(typ)
= 260ns
DS100646(02/15)
High-Speed IGBT
for 10-30 kHz Switching
Features
Square RBSOA
International Standard Packages
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
1200
V
V
GE(th)
I
C
= 1mA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
25
A
T
J = 150C
1.5 mA
I
GES
V
CE = 0V, VGE = 20V
200 nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
1.8
2.2
V
T
J = 150C
2.4
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
1200
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Chip Capability)
320
A
I
LRMS
Terminal Current Limit
160
A
I
C110
T
C
= 110°C
120
A
I
CM
T
C
= 25°C, 1ms
800
A
I
A
T
C
= 25°C
60
A
E
AS
T
C
= 25°C
2
J
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1
I
CM = 240
A
(RBSOA)
Clamped Inductive Load
V
CE VCES
P
C
T
C
= 25°C
1500
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb
Weight
TO-264P
10
g
PLUS247
6
g
1200V XPTTM IGBT
GenX3TM
Advance Technical Information
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264P (IXYK)
PLUS247 (IXYX)
G
Tab
E
C
G
E
G
C
Tab


Similar Part No. - IXYX120N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYX120N120B3 IXYS-IXYX120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
More results

Similar Description - IXYX120N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com