Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYJ30N120C3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYJ30N120C3D1
Description  Advance Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYJ30N120C3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYJ30N120C3D1 Datasheet HTML 1Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 2Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 3Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 4Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 5Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 6Page - IXYS Corporation IXYJ30N120C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYJ30N120C3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
ISO TO-247 (IXYJ) OUTLINE
PINS:
1 = Gate
2 = Drain
3 = Source
4 = Isolated
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 30A, VCE = 10V, Note 1
10
17
S
C
ies
1640
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
140
pF
C
res
38
pF
Q
g(on)
69
nC
Q
ge
I
C = 30A, VGE = 15V, VCE = 0.5 • VCES
9
nC
Q
gc
34
nC
t
d(on)
19
ns
t
ri
40
ns
E
on
2.6
mJ
t
d(off)
130
ns
t
fi
88
ns
E
off
1.1
mJ
t
d(on)
19
ns
t
ri
52
ns
E
on
6.0
mJ
t
d(off)
156
ns
t
fi
140
ns
E
off
1.6
mJ
R
thJC
0.89 °C/W
R
thCS
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 30A, VGE = 15V
V
CE = 0.5 • VCES, RG = 10
Note 2
Inductive load, T
J = 150°C
I
C = 30A, VGE = 15V
V
CE = 0.5 • VCES, RG = 10
Note 2
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
(T
J = 25°C, Unless Otherwise Specified)
Characteristic Value
Symbol
Test Conditions
Min.
Typ.
Max.
V
F
3.00
V
T
J = 150°C
1.75
V
I
RM
9
A
t
rr
195
ns
R
thJC
1.25 °C/W
I
F = 30A,VGE = 0V, -diF/dt = 100A/μs,
T
J = 100°C
V
R = 600V
T
J = 100°C
I
F = 30A,VGE = 0V, Note 1
Reverse Diode (FRED)


Similar Part No. - IXYJ30N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYJ20N120C3D1 IXYS-IXYJ20N120C3D1 Datasheet
224Kb / 7P
   1200V XPTTM IGBT
More results

Similar Description - IXYJ30N120C3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com