Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3077E Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3077E
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3077E Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3077E Datasheet HTML 4Page - Texas Instruments MAX3077E Datasheet HTML 5Page - Texas Instruments MAX3077E Datasheet HTML 6Page - Texas Instruments MAX3077E Datasheet HTML 7Page - Texas Instruments MAX3077E Datasheet HTML 8Page - Texas Instruments MAX3077E Datasheet HTML 9Page - Texas Instruments MAX3077E Datasheet HTML 10Page - Texas Instruments MAX3077E Datasheet HTML 11Page - Texas Instruments MAX3077E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
7.6 Electrical Characteristics: Receiver
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going differential input threshold
VIT+
IO = –8 mA
–0.02
V
voltage
Negative-going
'HVD30
–0.15
VIT–
differential input
IO = 8 mA
V
'HVD33
-0.2
threshold voltage
Vhys
Hysteresis voltage (VIT+ – VIT–)
50
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VID = 200 mV, IO = –8 mA, See Figure 17
2.4
VO
Output voltage
V
VID = –200 mV, IO = 8 mA, See Figure 17
0.4
IO(Z)
High-impedance-state output current
VO = 0 or VCC, RE at VCC
–1
1
μA
VA or VB = 12 V
0.05
0.1
Other
VA or VB = 12 V, VCC = 0 V
0.06
0.1
'HVD31, 'HVD32,
input
'HVD34, 'HVD35
VA or VB = –7 V
–0.10
–0.04
at 0 V
VA or VB = –7 V, VCC = 0 V
–0.10
–0.03
IA or
Bus input current
mA
IB
VA or VB = 12 V
0.20
0.35
Other
VA or VB = 12 V, VCC = 0 V
0.24
0.4
'HVD30, 'HVD33
input
VA or VB = –7 V
–0.35
–0.18
at 0 V
VA or VB = –7 V, VCC = 0 V
–0.25
–0.13
IIH
Input current, RE
VIH = 0.8 V or 2 V
–60
μA
CID
Differential input capacitance
VID = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
15
pF
SUPPLY CURRENT
'HVD30
2.1
D at 0 V or VCC and no load
'HVD31, 'HVD32
6.4
mA
'HVD33
1.8
RE at 0 V, D at 0 V or VCC, DE at 0 V,
No load (receiver enabled and driver disabled)
'HVD34, 'HVD35
2.2
'HVD33, 'HVD34,
RE at VCC, D at VCC, DE at 0 V,
ICC
Supply current
0.022
1.5
μA
'HVD35
No load (receiver disabled and driver disabled)
'HVD33
2.1
RE at 0 V, D at 0 V or VCC, DE at VCC,
No load (receiver enabled and driver enabled)
'HVD34, 'HVD35
6.5
mA
'HVD33
1.8
RE at VCC, D at 0 V or VCC, DE at VCC
No load (receiver disabled and driver enabled)
'HVD34, 'HVD35
6.2
(1)
All typical values at 25°C with 3.3-V supply
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - MAX3077E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3077EAPA MAXIM-MAX3077EAPA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3077EASA MAXIM-MAX3077EASA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3077EEPA MAXIM-MAX3077EEPA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3077EESA MAXIM-MAX3077EESA Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results

Similar Description - MAX3077E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com