Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3086ED Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3086ED
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD3086ED Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD3086ED Datasheet HTML 1Page - Texas Instruments SN65HVD3086ED Datasheet HTML 2Page - Texas Instruments SN65HVD3086ED Datasheet HTML 3Page - Texas Instruments SN65HVD3086ED Datasheet HTML 4Page - Texas Instruments SN65HVD3086ED Datasheet HTML 5Page - Texas Instruments SN65HVD3086ED Datasheet HTML 6Page - Texas Instruments SN65HVD3086ED Datasheet HTML 7Page - Texas Instruments SN65HVD3086ED Datasheet HTML 8Page - Texas Instruments SN65HVD3086ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
www.ti.com
SLLS771E – NOVEMBER 2006 – REVISED NOVEMBER 2012
SUPPLY CURRENT
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver enabled,
RE at 0 V, D and DE at VCC, No load
375
750
μA
Driver enabled
Receiver enabled,
RE at 0 V, D and DE at 0 V, No load
300
680
μA
Driver disabled
ICC
Supply current
Receiver disabled,
RE at VCC, D and DE at VCC, No load
240
600
μA
Driver enabled
Receiver disabled,
RE and D at VCC, DE at 0 V, No load
2
1000
nA
Driver disabled
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range unless otherwise noted
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VI or VIC
Voltage at any bus terminal (separately or common mode)
–7(1)
12
VIH
High-level input voltage
D, DE, RE
2
VCC
V
VIL
Low-level input voltage
D, DE, RE
0
0.8
–12
12
V
VID
Differential input voltage
Dynamic , See Figure 11
V
Driver
–60
IOH
High-level output current
mA
Receiver
–10
Driver
60
IOL
Low-level output current
mA
Receiver
10
TJ
Junction temperature
150
°C
TA
Ambient still-air temperature
–40
85
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD3080E SN65HVD3083E SN65HVD3086E


Similar Part No. - SN65HVD3086ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086EDGS TI-SN65HVD3086EDGS Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGS TI-SN65HVD3086EDGS Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSG4 TI-SN65HVD3086EDGSG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSR TI-SN65HVD3086EDGSR Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSR TI-SN65HVD3086EDGSR Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3086ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com