Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD31-EP Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65HVD31-EP
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD31-EP Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD31-EP Datasheet HTML 1Page - Texas Instruments SN65HVD31-EP Datasheet HTML 2Page - Texas Instruments SN65HVD31-EP Datasheet HTML 3Page - Texas Instruments SN65HVD31-EP Datasheet HTML 4Page - Texas Instruments SN65HVD31-EP Datasheet HTML 5Page - Texas Instruments SN65HVD31-EP Datasheet HTML 6Page - Texas Instruments SN65HVD31-EP Datasheet HTML 7Page - Texas Instruments SN65HVD31-EP Datasheet HTML 8Page - Texas Instruments SN65HVD31-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
www.ti.com
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
5 Device Comparison
(1)
Table 1. Available Options
BASE
SIGNALING
RECEIVER
UNIT LOADS
ENABLES
SOIC MARKING
PART NUMBER
RATE
EQUALIZATION
SN65HVD30MDREP
25 Mbps
1/2
No
No
HVD30EP
SN65HVD31MDREP(1)
5 Mbps
1/8
No
No
PREVIEW
SN65HVD32MDREP(1)
1 Mbps
1/8
No
No
PREVIEW
SN65HVD33MDREP
25 Mbps
1/2
No
Yes
HVD33EP
SN65HVD34MDREP(1)
5 Mbps
1/8
No
Yes
PREVIEW
SN65HVD35MDREP(1)
1 Mbps
1/8
No
Yes
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(1)
Product Preview
Table 2. Improved Replacement Parts
Part Number
Replace With
xxx3491
SN65HVD33:
Better ESD protection (15 kV vs 2 kV or not specified), higher signaling rate (25 Mbps vs 20 Mbps),
xxx3490
SN65HVD30:
fractional unit load (64 nodes vs 32)
MAX3491E
SN65HVD33:
Higher signaling rate (25 Mbps vs 12 Mbps), fractional unit load (64 nodes vs 32)
MAX3490E
SN65HVD30:
MAX3076E
SN65HVD33:
Higher signaling rate (25 Mbps vs 16 Mbps), lower standby current (1
μA vs 10 μA)
MAX3077E
SN65HVD30:
MAX3073E
SN65HVD34:
Higher signaling rate (5 Mbps vs 500 kbps), lower standby current (1
μA vs 10 μA)
MAX3074E
SN65HVD31:
MAX3070E
SN65HVD35:
Higher signaling rate (1 Mbps vs 250 kbps), lower standby current (1
μA vs 10 μA)
MAX3071E
SN65HVD32:
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD30-EP SN65HVD31-EP SN65HVD32-EP SN65HVD33-EP SN65HVD34-EP
SN65HVD35-EP


Similar Part No. - SN65HVD31-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD31 TI-SN65HVD31 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD31 TI-SN65HVD31 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD31 TI-SN65HVD31 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD31 TI1-SN65HVD31 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD31D TI-SN65HVD31D Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD31-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com