Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD30-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD30-EP
Description  SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD30-EP Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD30-EP Datasheet HTML 1Page - Texas Instruments SN65HVD30-EP Datasheet HTML 2Page - Texas Instruments SN65HVD30-EP Datasheet HTML 3Page - Texas Instruments SN65HVD30-EP Datasheet HTML 4Page - Texas Instruments SN65HVD30-EP Datasheet HTML 5Page - Texas Instruments SN65HVD30-EP Datasheet HTML 6Page - Texas Instruments SN65HVD30-EP Datasheet HTML 7Page - Texas Instruments SN65HVD30-EP Datasheet HTML 8Page - Texas Instruments SN65HVD30-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
RT
RT
R
D
R
DE
RE
D
Y
Z
R
D
R
RE
DE
D
A
B
RT
RT
B
A
Z
Y
R
D
R RE DE D
Z
Y
B
A
Master
Slave
Slave
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN65HVD30-EP, SN65HVD31-EP, SN65HVD32-EP
SN65HVD33-EP, SN65HVD34-EP, SN65HVD35-EP
SGLS367E – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
1 Features
3 Description
The SN65HVD3x-EP devices are 3-state differential
1
1/8 Unit-Load Option Available (up to 256 Nodes
line drivers and differential-input line receivers that
on the Bus)
operate with 3-V power supply.
Bus-Pin ESD Protection Exceeds 15 kV HBM
Each driver and receiver has separate input and
Optional Driver Output Transition Times for
output
pins
for
full-duplex
bus
communication
Signaling Rates (1) of 1 Mbps, 5 Mbps, and
designs.
They
are
designed
for
balanced
25 Mbps
transmission lines and interoperation with ANSI
Low-Current Standby Mode: <1
μA
TIA/EIA-485A, TIA/EIA-422-B, ITU-T v.11, and ISO
8482:1993 standard-compliant devices.
Glitch-Free Power-Up and Power-Down Protection
for Hot-Plugging Applications
The SN65HVD30, SN65HVD31, and SN65HVD32
are fully enabled with no external enabling pins.
5-V Tolerant Inputs
Bus Idle, Open, and Short-Circuit Fail Safe
The SN65HVD33, SN65HVD34, and SN65HVD35
have
active-high
driver
enables
and
active-low
Driver Current Limiting and Thermal Shutdown
receiver enables. A low (less than 1
μA) standby
Meet or Exceed the Requirements of ANSI
current can be achieved by disabling both the driver
TIA/EIA-485-A and RS-422 Compatible
and receiver.
All devices are characterized for operation from
2 Applications
–55°C to 125°C.
Utility Meters
DTE and DCE Interfaces
Device Information(1)
Industrial, Process, and Building Automation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm x 3.91 mm
Point-of-Sale (POS) Terminals and Networks
SN65HVD3x-EP
SOIC (14)
8.65 mm x 3.91 mm
Controlled Baseline
One Assembly and Test Site
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
One Fabrication Site
Available in Military (–55°C/125°C) Temperature
Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN65HVD30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
More results

Similar Description - SN65HVD30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com