Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD30 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVD30
Description  SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD30 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD30_15 Datasheet HTML 5Page - Texas Instruments SN65HVD30_15 Datasheet HTML 6Page - Texas Instruments SN65HVD30_15 Datasheet HTML 7Page - Texas Instruments SN65HVD30_15 Datasheet HTML 8Page - Texas Instruments SN65HVD30_15 Datasheet HTML 9Page - Texas Instruments SN65HVD30_15 Datasheet HTML 10Page - Texas Instruments SN65HVD30_15 Datasheet HTML 11Page - Texas Instruments SN65HVD30_15 Datasheet HTML 12Page - Texas Instruments SN65HVD30_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SN65HVD30, SN65HVD31, SN65HVD32
SN65HVD33, SN65HVD34, SN65HVD35
www.ti.com
SLLS665K – SEPTEMBER 2005 – REVISED OCTOBER 2015
7.8 Supply Current Characteristics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SN65HVD30
2.1
D at 0 V or VCC and No Load
mA
SN65HVD31, SN65HVD32
3.8
6.4
SN65HVD33
1.8
RE at 0 V, D at 0 V or VCC, DE at 0 V,
mA
No load (Receiver enabled and driver disabled)
SN65HVD34, SN65HVD35
2.2
RE at VCC, D at VCC, DE at 0 V,
SN65HVD33, SN65HVD34,
ICC
Supply current
No load (Receiver disabled and driver
0.022
1
μA
SN65HVD35
disabled)
SN65HVD33
2.1
RE at 0 V, D at 0 V or VCC, DE at VCC,
mA
No load (Receiver enabled and driver enabled)
SN65HVD34, SN65HVD35
6.5
SN65HVD33
1.8
RE at VCC, D at 0 V or VCC, DE at VCC
mA
No load (Receiver disabled and driver enabled)
SN65HVD34, SN65HVD35
6.2
(1)
All typical values are at 25°C and with a 3.3-V supply.
7.9 Switching Characteristics: Driver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SN65HVD30,
4
10
18
SN65HVD33
Propagation delay time, low-to-high-level
SN65HVD31,
tPLH
25
38
65
ns
output
SN65HVD34
SN65HVD32,
120
175
305
SN65HVD35
SN65HVD30,
4
9
18
SN65HVD33
Propagation delay time, high-to-low-level
SN65HVD31,
tPHL
25
38
65
ns
output
SN65HVD34
SN65HVD32,
120
175
305
SN65HVD35
SN65HVD30,
2.5
5
12
SN65HVD33
SN65HVD31,
RL = 54 Ω, CL = 50 pF,
tr
Differential output signal rise time
20
37
60
ns
SN65HVD34
See Figure 21
SN65HVD32,
120
185
300
SN65HVD35
SN65HVD30,
2.5
5
12
SN65HVD33
SN65HVD31,
tf
Differential output signal fall time
20
35
60
ns
SN65HVD34
SN65HVD32,
120
180
300
SN65HVD35
SN65HVD30,
0.6
SN65HVD33
SN65HVD31,
tsk(p)
Pulse skew (|tPHL – tPLH|)
2.0
ns
SN65HVD34
SN65HVD32,
5.1
SN65HVD35
(1)
All typical values are at 25°C and with a 3.3-V supply.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD30 SN65HVD31 SN65HVD32 SN65HVD33 SN65HVD34 SN65HVD35


Similar Part No. - SN65HVD30_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD3080E TI-SN65HVD3080E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD30_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com