Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTH162245DGVRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74ABTH162245DGVRE4
Description  16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ABTH162245DGVRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74ABTH162245DGVRE4 Datasheet HTML 1Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 2Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74ABTH162245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN54ABTH162245, SN74ABTH162245
16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS712A – FEBRUARY 1998 – REVISED APRIL 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
To Seven Other Channels
1DIR
1A1
1B1
1OE
To Seven Other Channels
2DIR
2A1
2B1
2OE
1
47
24
36
48
2
25
13
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (except I/O ports) (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABTH162245 (B port)
96 mA
. . . . . . . . . . . . . . . . . . . . . . . .
SN74ABTH162245 (B port)
128 mA
. . . . . . . . . . . . . . . . . . . . . . .
SN54/74ABTH162245 (A port)
30 mA
. . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
89
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
93
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
94
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.


Similar Part No. - 74ABTH162245DGVRE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH162245A PHILIPS-74ABTH162245A Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245A NEXPERIA-74ABTH162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADGG PHILIPS-74ABTH162245ADGG Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
logo
Nexperia B.V. All right...
74ABTH162245ADGG NEXPERIA-74ABTH162245ADGG Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
logo
NXP Semiconductors
74ABTH162245ADL PHILIPS-74ABTH162245ADL Datasheet
94Kb / 12P
   16-Bit bus transceiver with 30W series termination resistors (3-State)
1998 Feb 25
More results

Similar Description - 74ABTH162245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Maxwell Technologies
54LVTH162245 MAXWELL-54LVTH162245 Datasheet
222Kb / 10P
   16-Bit Bus Transceivers with 3-State Outputs
logo
Texas Instruments
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com