Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27966 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM27966
Description  LM27966 White LED Driver with I2C Compatible Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27966 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM27966 Datasheet HTML 3Page - Texas Instruments LM27966 Datasheet HTML 4Page - Texas Instruments LM27966 Datasheet HTML 5Page - Texas Instruments LM27966 Datasheet HTML 6Page - Texas Instruments LM27966 Datasheet HTML 7Page - Texas Instruments LM27966 Datasheet HTML 8Page - Texas Instruments LM27966 Datasheet HTML 9Page - Texas Instruments LM27966 Datasheet HTML 10Page - Texas Instruments LM27966 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM27966
www.ti.com
SNVS448B – JULY 2006 – REVISED MAY 2013
CIRCUIT DESCRIPTION
OVERVIEW
The LM27966 is a white LED driver system based upon an adaptive 1.5×/1× CMOS charge pump capable of
supplying up to 180mA of total output current. With two controlled banks of constant current sinks (Main and
AUX), the LM27966 is an ideal solution for platforms requiring a single white LED driver for main display and
indicator lighting. The tightly matched current sinks ensure uniform brightness from the LEDs across the entire
small-format display.
Each LED is configured in a common anode configuration, with the peak drive current being programmed
through the use of an external RSET resistor. An I
2C compatible interface is used to enable the device and vary
the brightness within the individual current sink banks. For Main Display LEDs, 32 levels of brightness control are
available. The brightness control is achieved through a mix of analog and pulse width modulated (PWM)
methods. DAUX has 4 analog brightness levels available.
CIRCUIT COMPONENTS
Charge Pump
The input to the 1.5x/1x charge pump is connected to the VIN pin, and the regulated output of the charge pump is
connected to the VOUT pin. The recommended input voltage range of the LM27966 is 3.0V to 5.5V. The device’s
regulated charge pump has both open loop and closed loop modes of operation. When the device is in open
loop, the voltage at VOUT is equal to the gain times the voltage at the input. When the device is in closed loop,
the voltage at VOUT is regulated to 4.6V (typ.). The charge pump gain transitions are actively selected to maintain
regulation based on LED forward voltage and load requirements. This allows the charge pump to stay in the
most efficient gain (1x) over as much of the input voltage range as possible, reducing the power consumed from
the battery.
LED Forward Voltage Monitoring
The LM27966 has the ability to switch converter gains (1x or 1.5x) based on the forward voltage of the LED load.
This ability to switch gains maximizes efficiency for a given load. Forward voltage monitoring occurs on all diode
pins within Main Display. At higher input voltages, the LM27966 will operate in pass mode, allowing the POUT
voltage to track the input voltage. As the input voltage drops, the voltage on the DX pins will also drop (VDX =
VPOUT – VLEDx). Once any of the active Dx pins reaches a voltage approximately equal to 175mV, the charge
pump will then switch to the gain of 1.5x. This switchover ensures that the current through the LEDs never
becomes pinched off due to a lack of headroom on the current sources.
Diode pin D5 can have the diode sensing circuity disabled through the general purpose register if D5 is not going
to be used.
DAUX is not a monitored LED current sink.
RESET Pin
The LM27965 has a hardware reset pin (RESET) that allows the device to be disabled by an external controller
without requiring an I2C write command. Under normal operation, the RESET pin should be held high (logic ’1’)
to prevent an unwanted reset. When the RESET is driven low (logic ’0’), all internal control registers reset to the
default states and the part becomes disabled. Please see the Electrical Characteristics section of the datasheet
for required voltage thresholds.
I2C Compatible Interface
DATA VALIDITY
The data on SDIO line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27966


Similar Part No. - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQ NSC-LM27966SQ Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
LM27966SQX NSC-LM27966SQX Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results

Similar Description - LM27966

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com