Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M563233D Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4M563233D
Description  8Mx32 Mobile SDRAM 90FBGA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M563233D Datasheet(HTML) 4 Page - Samsung semiconductor

  K4M563233D Datasheet HTML 1Page - Samsung semiconductor K4M563233D Datasheet HTML 2Page - Samsung semiconductor K4M563233D Datasheet HTML 3Page - Samsung semiconductor K4M563233D Datasheet HTML 4Page - Samsung semiconductor K4M563233D Datasheet HTML 5Page - Samsung semiconductor K4M563233D Datasheet HTML 6Page - Samsung semiconductor K4M563233D Datasheet HTML 7Page - Samsung semiconductor K4M563233D Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
K4M563233D-M(E)E/N/I/P
Rev. 1.1 Dec. 2002
CMOS SDRAM
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
°C to 85°C for Extended, -40°C to 85°C for Industrial)
Notes :
1. VIH (max) = 5.3V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include HI-Z output leakage for all bi-directional buffers with tri-state outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.7
3.0
3.6
V
VDDQ
2.7
3.0
3.6
V
Input logic high voltage
VIH
2.2
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.5
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
CAPACITANCE (VDD = 3.0V & 3.3V, TA = 23
°C, f = 1MHz, VREF =0.9V ± 50 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
3.0
9.0
pF
RAS, CAS, WE, CS, CKE
CIN
3.0
9.0
pF
DQM
CIN
1.5
4.5
pF
Address
CADD
3.0
9.0
pF
DQ0 ~ DQ31
COUT
3.0
6.5
pF
ABSOLUTE MAXIMUM RATINGS
Notes :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on V DD supply relative to Vss
VDD , VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA


Similar Part No. - K4M563233D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M563233E SAMSUNG-K4M563233E Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-C SAMSUNG-K4M563233E-C Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-E SAMSUNG-K4M563233E-E Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-F1H SAMSUNG-K4M563233E-F1H Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-F1L SAMSUNG-K4M563233E-F1L Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M563233D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-SN SAMSUNG-K4S64323LF-SN Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222F HYNIX-HY5DU573222F Datasheet
266Kb / 30P
   256M(8Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com