Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27965 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM27965
Description  LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27965 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27965 Datasheet HTML 6Page - Texas Instruments LM27965 Datasheet HTML 7Page - Texas Instruments LM27965 Datasheet HTML 8Page - Texas Instruments LM27965 Datasheet HTML 9Page - Texas Instruments LM27965 Datasheet HTML 10Page - Texas Instruments LM27965 Datasheet HTML 11Page - Texas Instruments LM27965 Datasheet HTML 12Page - Texas Instruments LM27965 Datasheet HTML 13Page - Texas Instruments LM27965 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SDIO
SCL
S
P
P
STO
condition
START condition
SCL
SDIO
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LM27965
SNVS380B – MAY 2006 – REVISED FEBRUARY 2013
www.ti.com
Figure 10. Data Validity Diagram
A pull-up resistor between VIO and SDIO must be greater than [(VIO-VOL) / 3mA] to meet the VOL requirement
on SDIO. Using a larger pull-up resistor results in lower switching current with slower edges, while using a
smaller pull-up results in higher switching currents with faster edges.
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as SDIO signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined as
the SDIO transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 11. Start and Stop Conditions
TRANSFERING DATA
Every byte put on the SDIO line must be eight bits long, with the most significant bit (MSB) transferred first. Each
byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the
master. The master releases the SDIO line (HIGH) during the acknowledge clock pulse. The LM27965 pulls
down the SDIO line during the 9th clock pulse, signifying an acknowledge. The LM27965 generates an
acknowledge after each byte is received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM27965 address is 36h (38h for -M version). For the eighth
bit, a “0” indicates a WRITE and a “1” indicates a READ. The second byte selects the register to which the data
will be written. The third byte contains data to write to the selected register.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM27965


Similar Part No. - LM27965

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ NSC-LM27965SQ Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ NSC-LM27965SQ Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965SQ-M NSC-LM27965SQ-M Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results

Similar Description - LM27965

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com