Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT16600 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABT16600
Description  18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABT16600 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT16600_14 Datasheet HTML 1Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 2Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 3Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 4Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 5Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 6Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 7Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 8Page - Texas Instruments SN54ABT16600_14 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54ABT16600, SN74ABT16600
18-BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS209B – JUNE 1992 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT16600
SN74ABT16600
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
150
0
150
MHz
t
Pulse duration
LEAB or LEBA high
2.5
2.5
ns
tw
Pulse duration
CLKAB or CLKBA high or low
3
3
ns
A before CLKAB
↓ or B before CLKBA↓
3
3
tsu
Setup time
A before LEAB
↓ or B before LEBA↓
2.5
2.5
ns
CLKEN before CLK
2.5
2.5
A after CLKAB
↓ or B after CLKBA↓
0
0
th
Hold time
A after LEAB
↓ or B after LEBA↓
2
2
ns
CLKEN after CLK
1
1
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16600
SN74ABT16600
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
tPLH
AorB
BorA
1.5
2.5
3.6
1.5
4.2
1.5
4
ns
tPHL
A or B
B or A
1.5
3.2
4.5
1.5
5.1
1.5
4.9
ns
tPLH
LEAB or LEBA
BorA
2
3.2
4.5
2
5.6
2
5
ns
tPHL
LEAB or LEBA
B or A
2
3.4
4.5
2
5.4
2
5
ns
tPLH
CLKAB or CLKBA
BorA
2
3.5
4.7
2
5.4
2
5.3
ns
tPHL
CLKAB or CLKBA
B or A
2
3.5
4.3
2
5.2
2
5
ns
tPZH
OEAB or OEBA
BorA
1.5
3.4
4.6
1.5
5.3
1.5
5.1
ns
tPZL
OEAB or OEBA
B or A
2
3.8
4.7
2
5.6
2
5.4
ns
tPHZ
OEAB or OEBA
BorA
2
4.5
5.4
2
6.6
2
6.2
ns
tPLZ
OEAB or OEBA
B or A
1.5
3.4
4.7
1.5
5.8
1.5
5.4
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT16600_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16600WD TI-SN54ABT16600WD Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT16600_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com