Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26420 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM26420
Description  Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26420 Datasheet(HTML) 5 Page - Texas Instruments

  LM26420_16 Datasheet HTML 1Page - Texas Instruments LM26420_16 Datasheet HTML 2Page - Texas Instruments LM26420_16 Datasheet HTML 3Page - Texas Instruments LM26420_16 Datasheet HTML 4Page - Texas Instruments LM26420_16 Datasheet HTML 5Page - Texas Instruments LM26420_16 Datasheet HTML 6Page - Texas Instruments LM26420_16 Datasheet HTML 7Page - Texas Instruments LM26420_16 Datasheet HTML 8Page - Texas Instruments LM26420_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
LM26420, LM26420-Q0, LM26420-Q1
www.ti.com
SNVS579K – FEBRUARY 2009 – REVISED APRIL 2016
Product Folder Links: LM26420 LM26420-Q0 LM26420-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Pin Functions 20-Pin HTSSOP
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1
VINC
A
Input supply for control circuitry.
2
EN1
A
Enable control input. Logic high enable operation for Buck 1. Do not allow this pin to float or
be greater than VIN + 0.3 V.
3, 4
VIND1
A
Power Input supply for Buck 1.
5
SW1
P
Output switch for Buck 1. Connect to the inductor.
6,7
PGND1
G
Power ground pin for Buck 1.
8
FB1
A
Feedback pin for Buck 1. Connect to external resistor divider to set output voltage.
9
PG1
G
Power Good Indicator for Buck 1. Pin is connected through a resistor to an external supply
(open drain output).
10, 11, DAP
Die Attach Pad
Connect to system ground for low thermal impedance, but it cannot be used as a primary
GND connection.
12
PG2
G
Power Good Indicator for Buck 2. Pin is connected through a resistor to an external supply
(open drain output).
13
FB2
A
Feedback pin for Buck 2. Connect to external resistor divider to set output voltage.
14, 15
PGND2
G
Power ground pin for Buck 2.
16
SW2
P
Output switch for Buck 2. Connect to the inductor.
17, 18
VIND2
A
Power Input supply for Buck 2.
19
EN2
A
Enable control input. Logic high enable operation for Buck 2. Do not allow this pin to float or
be greater than VIN + 0.3 V.
20
AGND
G
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to
pin.


Similar Part No. - LM26420_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Similar Description - LM26420_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com