Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3646 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3646
Description  1.5-A Synchronous Boost Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3646 Datasheet(HTML) 3 Page - Texas Instruments

  LM3646 Datasheet HTML 1Page - Texas Instruments LM3646 Datasheet HTML 2Page - Texas Instruments LM3646 Datasheet HTML 3Page - Texas Instruments LM3646 Datasheet HTML 4Page - Texas Instruments LM3646 Datasheet HTML 5Page - Texas Instruments LM3646 Datasheet HTML 6Page - Texas Instruments LM3646 Datasheet HTML 7Page - Texas Instruments LM3646 Datasheet HTML 8Page - Texas Instruments LM3646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Top View
A
B
C
D
E
Bottom View
E
D
C
B
A
1
2
3
4
1
2
3
4
LM3646
www.ti.com
SNVS962A – DECEMBER 2013 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
DSBGA Package
20 Pins
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
COUNT
NAME
A1, B1
2
GND
-
Ground.
A2, B2
2
SW
O
Drain Connection for Internal NMOS and Synchronous PMOS Switches.
A3, B3, C3
3
OUT
O
Step-Up DC/DC Converter Output. Connect a 10-µF ceramic capacitor between this pin and
GND.
A4,B4
2
LED1
O
High-Side Current Source Output for Flash LED. Both bumps must be connected for proper
operation.
C1
1
AGND
-
Analog Ground.
C2
1
TORCH
I
Active High Hardware Torch Enable. Drive TORCH high to turn on Torch/Movie Mode. Used
for External PWM mode. Has an internal pull-down resistor of 200 k
Ω between TORCH and
GND.
C4, D4
2
LED2
O
High-Side Current Source Output for Flash LED. Both bumps must be connected for proper
operation.
D1
1
IN
I
Input Voltage Connection. Connect IN to the input supply, and bypass to GND with a 10-µF or
larger ceramic capacitor.
D2
1
SCL
I
Serial Clock Input.
D3
1
ENABLE
I
Active High Enable Pin. High = Standby, Low = Shutdown/Reset. Has an internal pull-down
resistor of 200 k
Ω between ENABLE and GND.
E1
1
TEMP
O
Threshold Detector for LED Temperature Sensing and Current Scale Back.
E2
1
SDA
I/O
Serial Data Input/Output.
E3
1
STROBE
I
Active High Hardware Flash Enable. Drive STROBE high to turn on Flash LEDs. STROBE
overrides TORCH. Has an internal pull-down resistor of 200 k
Ω between STROBE and GND.
E4
1
TX
I
Configurable Dual Polarity Power Amplifier Synchronization Input. Has an internal pull-down
resistor of 200 k
Ω between TX and GND.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3646


Similar Part No. - LM3646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
More results

Similar Description - LM3646

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com