Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7404 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7404
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7404 Datasheet(HTML) 1 Page - International Rectifier

  IRF7404 Datasheet HTML 1Page - International Rectifier IRF7404 Datasheet HTML 2Page - International Rectifier IRF7404 Datasheet HTML 3Page - International Rectifier IRF7404 Datasheet HTML 4Page - International Rectifier IRF7404 Datasheet HTML 5Page - International Rectifier IRF7404 Datasheet HTML 6Page - International Rectifier IRF7404 Datasheet HTML 7Page - International Rectifier IRF7404 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
PD - 9.1246C
l Generation V Technology
l Ultra Low On-Resistance
l P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7404
SO -8
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
VDSS = -20V
RDS(on) = 0.040Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -4.5V
-7.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-6.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
-5.4
IDM
Pulsed Drain Current

-27
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
3/10/99
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
50
°C/W
www.irf.com
1


Similar Part No. - IRF7404

ManufacturerPart #DatasheetDescription
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
   P-Channel MOSFET
logo
International Rectifier
IRF7404PBF IRF-IRF7404PBF Datasheet
231Kb / 9P
   HEXFET Power MOSFET
IRF7404PBF IRF-IRF7404PBF Datasheet
237Kb / 9P
   ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF7404

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com