Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM368-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM368-5.0
Description  Precision Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM368-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM368-5.0 Datasheet HTML 1Page - Texas Instruments LM368-5.0 Datasheet HTML 2Page - Texas Instruments LM368-5.0 Datasheet HTML 3Page - Texas Instruments LM368-5.0 Datasheet HTML 4Page - Texas Instruments LM368-5.0 Datasheet HTML 5Page - Texas Instruments LM368-5.0 Datasheet HTML 6Page - Texas Instruments LM368-5.0 Datasheet HTML 7Page - Texas Instruments LM368-5.0 Datasheet HTML 8Page - Texas Instruments LM368-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Applications
Wide Range Trimmable Regulator
TLH5522 – 7
Adjustable Zener
TLH5522 – 9
g
Reference
TLH5522 – 11
Narrow Range Trimmable Regulator (g1% min)
TLH5522 – 8
Improved Noise Performance
TLH5522 – 10
g
10V g5V References
e
LF444A or
LF412A
TLH5522 – 12
Re
Thin Film Resistor Network
g
005% Matching and 5ppm Tracking
(Beckman 694-3-R-10K-A)
(Caddock T-914-10K-100-05)
or similar
4


Similar Part No. - LM368-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM368-5.0 NSC-LM368-5.0 Datasheet
142Kb / 8P
   LM368-5.0 and LM368-10 Precision Voltage References
More results

Similar Description - LM368-5.0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
   Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com