Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT244ANSR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT244ANSR
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT244ANSR Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT244ANSR Datasheet HTML 1Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 2Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 3Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 4Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 5Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 6Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 7Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 8Page - Texas Instruments SN74ABT244ANSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
SN54ABT244, SN74ABT244A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS099J − JANUARY 1991 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT244
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
1
2.6
4.1
1
5.3
ns
tPHL
A
Y
1
2.9
4.2
1
5
ns
tPZH
OE
Y
1.1
3.1
4.6
0.8
5.7
ns
tPZL
OE
Y
2.1
4.1
5.6
1.2
7.9
ns
tPHZ
OE
Y
2.1
4.1
5.6
1.2
7.6
ns
tPLZ
OE
Y
1.5
3.7
5.6
1
7.9
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN74ABT244A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
1
2.6
4.1
1
4.6
ns
tPHL
A
Y
1
2.9
4.3
1
4.6
ns
tPZH
OE
Y
1.1
3.1
4.6
1.1
5.1
ns
tPZL
OE
Y
2.1
4.1
5.6
2.1
6.1
ns
tPHZ
OE
Y
1.8
4.1
5.6
1.8
6.6
ns
tPLZ
OE
Y
1.4
3.7
5.2
1.4
5.7
ns


Similar Part No. - SN74ABT244ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT244ANSR TI-SN74ABT244ANSR Datasheet
546Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT244ANSRE4 TI-SN74ABT244ANSRE4 Datasheet
546Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT244ANSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com