Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM34923 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM34923
Description  80-V 600-mA Constant On-Time Buck Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34923 Datasheet(HTML) 3 Page - Texas Instruments

  LM34923 Datasheet HTML 1Page - Texas Instruments LM34923 Datasheet HTML 2Page - Texas Instruments LM34923 Datasheet HTML 3Page - Texas Instruments LM34923 Datasheet HTML 4Page - Texas Instruments LM34923 Datasheet HTML 5Page - Texas Instruments LM34923 Datasheet HTML 6Page - Texas Instruments LM34923 Datasheet HTML 7Page - Texas Instruments LM34923 Datasheet HTML 8Page - Texas Instruments LM34923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM34923
www.ti.com
SNVS695A – MARCH 2011 – REVISED FEBRUARY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN, UV to RTN
-0.3V to 80V
BST to RTN
-0.3V to 88V
SW to RTN (Steady State)
-1V to VIN + 0.3V
BST to VCC
80V
BST to SW
10V
VCC, UVO, RT to RTN
–0.3V to 10V
FB, RT, to RTN
-0.3 to 5V
ESD Rating, Human Body Model(3)
2kV
For soldering specifications see: Application Note SNOA549.
Junction Temperature
150°C
Storage Temperature Range
-55°C to +150°C
(1)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(2)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
6V to 75V
Operating Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Supply
Vcc Reg
Vcc Regulator Output
Vin = 48V
7.1
7.5
7.9
V
Vin – Vcc
VIN = 6V, ICC = 5mA
240
mV
Vcc Output Impedance
Vin =6V
45
Vcc Current Limit
Vin = 48V(2)
20
30
mA
Vcc UVLO
Vcc Increasing
4
4.8
V
Vcc UVLO hysteresis
450
mV
Iin Operating current
FB = 3V, Vin = 48V
1
1.32
mA
Iin Shutdown Current
RT/SD = 0V
20
70
µA
Switch Characteristics
Buck switch Rds(on)
Itest = 200 mA
0.56
1.1
Gate Drive UVLO
Vbst – Vsw Rising
2.15
3
3.8
V
Gate Drive UVLO hysteresis
250
mV
Pre-charge switch voltage
At 1 mA
0.8
V
Pre-charge switch on-time
150
ns
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM34923


Similar Part No. - LM34923

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34923 NSC-LM34923 Datasheet
621Kb / 12P
   EVAL evaluation board provides the design engineer with a fully
logo
Texas Instruments
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com